Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC1001 Datasheet(PDF) 2 Page - RFE international

Part # KBPC1001
Description  Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

KBPC1001 Datasheet(HTML) 2 Page - RFE international

  KBPC1001 Datasheet HTML 1Page - RFE international KBPC1001 Datasheet HTML 2Page - RFE international KBPC1001 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0
FIG1:Io-Ta Curve
Ambient Temperature(°C)
50
100
150
0
10
5
15
FIG2:Surge Forward Current Capability
Number of Cycles
0
0
1
0
1
5
1
0
5
0
2
2
0
180
60
120
Half-sine Wave
non-repetitive
Ta=25
0.1
FIG3:Instantaneous Forward Voltage
Ta=25
Instantaneous Forward Voltage (V)
0.6
0.8
1.0
1.2
1.4
0.4
0.5
1.0
10
0.2
20
60
5.0
0
20
40
60
80
100
0.1
1
10
100
1000
Percent Rated Peak Reverse Voltage(%)
Tj=125
Tj=25
FIG4:Typical Reverse Characteristics
`
Bridge Rectifiers
KBPC10005 Through KBPC101
KPBC8
12-21-2022
Page 2 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
CHARACTERISTICS (TYPICAL)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com