Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC104 Datasheet(PDF) 1 Page - RFE international

Part # KBPC104
Description  Bridge Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

KBPC104 Datasheet(HTML) 1 Page - RFE international

  KBPC104 Datasheet HTML 1Page - RFE international KBPC104 Datasheet HTML 2Page - RFE international KBPC104 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UL recognition, file #E230084
Suitable for printed circuit board or chassis mounti
Compact construction
High surge current capability
Solder dip 275 °C max. 7 s, per JESD 22-B106
The KBPC series of single phase rectifier bridge consists of
four silicon junctions connected as a full bridge. These
devices are intended for general use in industrial and
consumer equipment.
Package: KBPC1
Molding compound meets UL 94 V-0
flammability rating, RoHS-compliant
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: As marked on body
PARAMETER
SYMBOL UNIT KBPC1005 KBPC101 KBPC102 KBPC104 KBPC106 KBPC108 KBPC110
Device marking code
KBPC1005 KBPC101 KBPC102 KBPC104 KBPC106 KBPC108 KBPC110
Repetitive Peak Reverse Voltage
VRRM
V
50
100
200
400
600
800
1000
Average Rectified Output Current
@60Hz sine wave, R-load, Ta=40
IO
A
2.0
Surge(Non-repetitive)Forward Current
@60Hz Half- sine Wave, 1 cycle, Ta=25
IFSM
A
45
Current Squared Time
@1ms t 8.3ms Tj=25 , Rating of per
diode
I2t
A2S
8.5
Storage Temperature
Tstg
-55 ~+150
Junction Temperature
Tj
-55 ~+150
PARAMETER
SYMBOL UNIT
TEST
CONDITIONS
KBPC1005 KBPC101 KBPC102 KBPC104 KBPC106 KBPC108 KBPC110
Maximum instantaneous forward
voltage drop per diode
VFM
V
IFM=1 A
1.1
Maximum DC reverse current at
rated DC blocking voltage per diode
IRRM
A VRM=VRRM
10
PARAMETER
SYMBOL
UNIT KBPC1005 KBPC101 KBPC102 KBPC104 KBPC106 KBPC108 KBPC110
Thermal
Resistance
Between junction and
ambient
R J-A
/W
35
~
+
-
~
+
-
~ ~
Bridge Rectifiers
KBPC1005 Through KBPC110
KPBC1
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS (Ta=25 Unless otherwise specified
ELECTRICAL CHARACTERISTICS
THERMAL CHARACTERISTICS
PACKAGING INFORMATION
(Ta=25 Unless otherwise specified
(Ta=25 Unless otherwise specified
PREFERED
P/N
PACKAGE
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY MODE
KBPC1005~KBPC110
A1
Approximate 2.5
200
200
2000
Paper Box
12-21-2022
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com


Similar Part No. - KBPC104

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC104 SEMTECH-KBPC104 Datasheet
120Kb / 2P
3.0A SINGLE - PHASE SILICON BRIDGE?
logo
Shanghai Sunrise Electr...
KBPC104 SSE-KBPC104 Datasheet
15Kb / 1P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC104 CHENYI-KBPC104 Datasheet
129Kb / 2P
SINGLE PHASE GLASS BRIDGE RECTIFIER
logo
Dc Components
KBPC104 DCCOM-KBPC104 Datasheet
406Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Leshan Radio Company
KBPC104 LRC-KBPC104 Datasheet
48Kb / 2P
3.0A BRIDGE RECTIFIERS
More results

Similar Description - KBPC104

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
VJ248M MICROSEMI-VJ248M Datasheet
89Kb / 2P
Bridge Rectifiers
logo
List of Unclassifed Man...
MP610 ETC1-MP610 Datasheet
80Kb / 1P
BRIDGE RECTIFIERS
logo
Semikron International
CS10S SEMIKRON-CS10S Datasheet
200Kb / 2P
Bridge rectifiers
logo
Fairchild Semiconductor
2KBP005M FAIRCHILD-2KBP005M Datasheet
42Kb / 3P
Bridge Rectifiers
2KBP005M FAIRCHILD-2KBP005M_10 Datasheet
109Kb / 3P
Bridge Rectifiers
DF005S FAIRCHILD-DF005S_10 Datasheet
121Kb / 3P
Bridge Rectifiers
MB1S FAIRCHILD-MB1S_09 Datasheet
173Kb / 3P
Bridge Rectifiers
logo
Dongguan City Niuhang E...
KBL4005 NIUHANG-KBL4005 Datasheet
4Mb / 5P
BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
GBJ35005 JUXING-GBJ35005 Datasheet
950Kb / 2P
BRIDGE RECTIFIERS
GBU6005G JUXING-GBU6005G Datasheet
1Mb / 2P
BRIDGE RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com