Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

15EWX06FN Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 15EWX06FN
Description  Hyperfast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

15EWX06FN Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  15EWX06FN Datasheet HTML 1Page - Inchange Semiconductor Company Limited 15EWX06FN Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hyperfast Rectifier
15EWX06FN
www.iscsemi.com
1
FEATURES
·
Ultrafast recovery time
·
Low forward voltage,high efficiency
·
Low forward voltage drop
APPLICATIONS
·
AC/DC section of SMPS inverters
·
Freewheeling diodes
·
PFC
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
600
V
IF(AV)
Average Rectified Forward Current
TC=160℃
15
A
IFSM
Non-repetitive Peak Surge Current
120
A
TJ
Junction Temperature
-65~175
℃
Tstg
Storage Temperature Range
-65~175
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
1.8
℃
/W


Similar Part No. - 15EWX06FN

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15EWX06FN-M3 VISHAY-15EWX06FN-M3 Datasheet
157Kb / 8P
Hyperfast Rectifier, 15 A FRED Pt®
05-Apr-11
15EWX06FNTR-M3 VISHAY-15EWX06FNTR-M3 Datasheet
157Kb / 8P
Hyperfast Rectifier, 15 A FRED Pt®
05-Apr-11
15EWX06FNTRL-M3 VISHAY-15EWX06FNTRL-M3 Datasheet
157Kb / 8P
Hyperfast Rectifier, 15 A FRED Pt®
05-Apr-11
15EWX06FNTRR-M3 VISHAY-15EWX06FNTRR-M3 Datasheet
157Kb / 8P
Hyperfast Rectifier, 15 A FRED Pt®
05-Apr-11
More results

Similar Description - 15EWX06FN

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
Hyperfast Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
Hyperfast Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
Hyperfast Rectifier
15ETH06PBF IRF-15ETH06PBF Datasheet
235Kb / 8P
Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
Hyperfast Rectifier
logo
Vishay Siliconix
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
Hyperfast Rectifier
26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
20-Nov-14
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
Hyperfast Rectifier
24-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
Hyperfast Rectifier
26-Nov-14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com