Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSA60C60PB Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # DSA60C60PB
Description  Schottky Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

DSA60C60PB Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  DSA60C60PB Datasheet HTML 1Page - Inchange Semiconductor Company Limited DSA60C60PB Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Schottky Diode
DSA60C60PB
www.iscsemi.com
1
FEATURES
· Improved thermal behaviour
· High reliability circuit operation
· Low voltage peaks for reduced protection circuits
· Low noise switching
Applications
· Rectifiers in switch mode power supplies (SMPS)
· Free wheeling diode in low voltage converters
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRSM
Non-repetitive reverse blocking voltage
60
V
VRRM
Repetitive reverse blocking voltage
60
V
IF(AV)
Average Rectified Forward Current
30*2
A
IFSM
Forward surge current
t = 10 ms; (50 Hz), sine; T = 45℃
450
A
Ptot
Total power dissipation
175
W
TJ
Junction Temperature
-55~175
℃
Tstg
Storage Temperature Range
-40~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
0.85
℃
/W


Similar Part No. - DSA60C60PB

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSA60C60PB IXYS-DSA60C60PB Datasheet
100Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
More results

Similar Description - DSA60C60PB

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
BAT42W-43W JIANGSU-BAT42W-43W Datasheet
321Kb / 3P
SCHOTTKY DIODE
logo
Central Semiconductor C...
CPD76V CENTRAL-CPD76V Datasheet
36Kb / 1P
Schottky Diode 1.0A Schottky Diode Chip
logo
TRANSYS Electronics Lim...
BAS40 TEL-BAS40 Datasheet
66Kb / 1P
SCHOTTKY DIODE
logo
International Rectifier
MBR0520 IRF-MBR0520 Datasheet
116Kb / 6P
SCHOTTKY DIODE
logo
Guilin Strong Micro-Ele...
GMBAS70 GSME-GMBAS70 Datasheet
616Kb / 2P
SCHOTTKY DIODE
logo
Shenzhen Luguang Electr...
BAS40W LUGUANG-BAS40W Datasheet
314Kb / 2P
Schottky Diode
logo
GeneSiC Semiconductor, ...
FST16030L GENESIC-FST16030L Datasheet
360Kb / 3P
Schottky Diode
logo
Central Semiconductor C...
CMLM0605 CENTRAL-CMLM0605_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
CMLM3405 CENTRAL-CMLM3405_15 Datasheet
518Kb / 3P
SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com