Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

53_SMA-R50-0-3111_N Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # 53_SMA-R50-0-3111_N
Description  COAXIAL ADAPTER, SMA-reverse, 50 Ohm, L-style, plug / jack (male / female)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

53_SMA-R50-0-3111_N Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  53_SMA-R50-0-3111_N Datasheet HTML 1Page - Huber+Suhner, Inc. 53_SMA-R50-0-3111_N Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA SHEET
COAXIAL ADAPTER, SMA-reverse, 50 Ohm, L-style, plug / jack (male /
female)
53_SMA-R50-0-3/111_N
Properties
• Wide range of di erent
configurations
• Most common inte aces
available
• Accurate transitions
• E ective and reliable
interconnection solutions
• Appropriate materials
Product configuration
Inte ace type
Gender
Standard
SMA-reverse
plug (male)
HUBER+SUHNER-SMA-R50
SMA
jack (female)
IEC 60169-15_MIL-STD-348A/310_CECC 22110
Inte ace and material data
SMA-reverse
Piece parts
Material
Plating
Centre contact
Copper Beryllium Alloy
Gold Plating (Nickel underplated)
Outer conductor
Copper Beryllium Alloy
Gold Plating (Nickel underplated)
Body
Copper Beryllium Alloy
Gold Plating (Nickel underplated)
Insulator
PFA / PTFE
Coupling nut
Bronze
Gold Plating (Nickel underplated)
Gasket
VMQ (Silicone rubber)
SMA
Piece parts
Material
Plating
Centre contact
Copper Beryllium Alloy
Gold Plating (Nickel underplated)
Body
Gold Plating (Nickel underplated)
Insulator
PFA / PTFE
Electrical data
Impedance
50
Inte ace frequency
18 GHz
Mechanical data
Weight
0.0058 kg
Mating cycles
500
hubersuhner.com


Similar Part No. - 53_SMA-R50-0-3111_N

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
53_SMA-R50-0-3-111_N HUBERSUHNER-53_SMA-R50-0-3-111_N Datasheet
791Kb / 1P
Within Series Adaptor
More results

Similar Description - 53_SMA-R50-0-3111_N

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
53_716-50-0-1003 HUBERSUHNER-53_716-50-0-1003 Datasheet
1Mb / 2P
COAXIAL ADAPTER, 7/16, 50 Ohm, L-style, plug / jack (male / female)
53_BNC-50-0-1133_N HUBERSUHNER-53_BNC-50-0-1133_N Datasheet
483Kb / 2P
COAXIAL ADAPTER, BNC, 50 Ohm, L-style, plug / jack (male / female)
53_BNC-75-0-1133_N HUBERSUHNER-53_BNC-75-0-1133_N Datasheet
482Kb / 2P
COAXIAL ADAPTER, BNC, 75 Ohm, L-style, plug / jack (male / female)
53_N-50-0-4133_N HUBERSUHNER-53_N-50-0-4133_N Datasheet
478Kb / 2P
COAXIAL ADAPTER, N, 50 Ohm, L-style, plug / jack (male / female)
53_N-50-0-4133_U HUBERSUHNER-53_N-50-0-4133_U Datasheet
478Kb / 2P
COAXIAL ADAPTER, N, 50 Ohm, L-style, plug / jack (male / female)
53_N-75-0-4133_N HUBERSUHNER-53_N-75-0-4133_N Datasheet
483Kb / 2P
COAXIAL ADAPTER, N, 75 Ohm, L-style, plug / jack (male / female)
33_SMA-50-0-1111_N HUBERSUHNER-33_SMA-50-0-1111_N Datasheet
456Kb / 2P
COAXIAL ADAPTER, SMA, 50 Ohm, plug / jack (male / female)
33_SMA-50-0-51199_N HUBERSUHNER-33_SMA-50-0-51199_N Datasheet
475Kb / 2P
COAXIAL ADAPTER, SMA, 50 Ohm, plug / jack (male / female)
52_SMA-50-0-1111_N HUBERSUHNER-52_SMA-50-0-1111_N Datasheet
512Kb / 2P
COAXIAL ADAPTER, SMA, 50 Ohm, L-style, plug / plug (male / male)
53_TNC-50-0-1133_N HUBERSUHNER-53_TNC-50-0-1133_N Datasheet
497Kb / 2P
COAXIAL ADAPTER, TNC, 50 Ohm, L-style, plug / jack (male / female)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com