Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M420000077 Datasheet(PDF) 83 Page - SPANSION

Part # M420000077
Description  CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory, and 8 Mbit (512 K x 16-Bit) SRAM
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M420000077 Datasheet(HTML) 83 Page - SPANSION

Back Button M420000077 Datasheet HTML 79Page - SPANSION M420000077 Datasheet HTML 80Page - SPANSION M420000077 Datasheet HTML 81Page - SPANSION M420000077 Datasheet HTML 82Page - SPANSION M420000077 Datasheet HTML 83Page - SPANSION M420000077 Datasheet HTML 84Page - SPANSION M420000077 Datasheet HTML 85Page - SPANSION M420000077 Datasheet HTML 86Page - SPANSION M420000077 Datasheet HTML 87Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 90 page
background image
October 23, 2003
Am42BDS6408H
81
A D VA NCE
I N FO RM ATIO N
SRAM AC CHARACTERISTICS
Figure 48.
SRAM Read Cycle
Notes:
1. WE# = VIH.
2. tHZ and tOHZ are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output
voltage levels.
3. At any given temperature and voltage condition, tHZ (Max.) is less than tLZ (Min.) both for a given device and from device to device
interconnection.
Data Valid
High-Z
tRC
CE#1s
Address
OE#
Data Out
tOH
tAA
tCO1
tOE
tOLZ
tBLZ
tLZ
tOHZ
tHZ
CE2s
tCO2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com