Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS416 Datasheet(PDF) 1 Page - RFE international

Part # BAS416
Description  Small-Signal Fast Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

BAS416 Datasheet(HTML) 1 Page - RFE international

  BAS416 Datasheet HTML 1Page - RFE international BAS416 Datasheet HTML 2Page - RFE international BAS416 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
VR 100V
IFAV 200mA
Low-Leakage
Package: SOD323
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: Cathode line denotes the cathode end
Marking: D4
PARAMETER
SYMBOL
UNIT
Conditions
VALUE
Repetitive peak reverse voltage
VRRM
5
8
V
V
e
g
a
tl
o
v
e
s
r
e
v
e
R
R
0
0
1
V
I
t
n
e
rr
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
P
FSM
A
Non-Repetitive t = 1 s
4
I
t
n
e
rr
u
c
d
r
a
w
r
o
f
e
g
a
r
e
v
A
FAV
0
0
2
A
m
Power dissipation
Ptot
0
5
2
W
m
Thermal Resistance Junction to Ambient Air
R JA
0
0
5
W
/
C
°
Maximum junction temperature
Tj
0
5
1
Storage temperature range
Tstg
0
5
1
+
o
t
5
5
-
PARAMETER
Symbol
UNIT
Conditions
Min
Max
Breakdown Voltage
VR
V
IR=100uA
100
V
e
g
a
tl
o
V
d
r
a
w
r
o
F
F
V
9
.
0
A
m
1
=
F
I
0
.
1
A
m
0
1
=
F
I
1
.
1
A
m
0
5
=
F
I
5
2
.
1
A
m
0
5
1
=
F
I
I
t
n
e
rr
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
R
R
nA
5
V
5
7
=
R
V
C
e
c
n
a
ti
c
a
p
a
C
4
z
H
M
1
=
f,
V
0
=
R
V
F
p
rr
T
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
us
IF=IR=10mA Irr=0.1*IR,
RL=100
3
Small-Signal Fast Switching Diodes
BAS416
SOD 323
FEATURES
TYPICAL APPLICATIONS
MECHANICAL DATA
MAXIMUM RATINGS (Ta=25 Unless otherwise specified
ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified
S-S2017
28-12-2021
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
PACKAGING INFORMATION
PREFERED P/N
PACKING
CODE
UNIT WEIGHT(g)
MINIMUM
PACKAGE(pcs)
INNER BOX
QUANTITY(pcs)
OUTER CARTON
QUANTITY(pcs)
DELIVERY
MODE
BAS416
F2
Approximate 0.004
3000
30000
120000
7” reel


Similar Part No. - BAS416

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS416 PHILIPS-BAS416 Datasheet
63Kb / 8P
Low-leakage diode
2004 Jan 26
BAS416 NXP-BAS416 Datasheet
121Kb / 8P
Low-leakage diode
2004 Jan 26
BAS416 NXP-BAS416 Datasheet
121Kb / 8P
Low-leakage diode
2004 Jan 26
logo
Rectron Semiconductor
BAS416 RECTRON-BAS416 Datasheet
546Kb / 7P
Low-leakage double diode
logo
Nexperia B.V. All right...
BAS416 NEXPERIA-BAS416 Datasheet
200Kb / 10P
Low-leakage diode
2 October 2020
More results

Similar Description - BAS416

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LL4148 VISHAY-LL4148 Datasheet
292Kb / 5P
Small Signal Fast Switching Diodes
24-Mar-06
1N4148 VISHAY-1N4148_12 Datasheet
109Kb / 4P
Small Signal Fast Switching Diodes
29-Oct-10
LL4148 VISHAY-LL4148_12 Datasheet
61Kb / 4P
Small Signal Fast Switching Diodes
01-Sep-10
LL4148-M VISHAY-LL4148-M Datasheet
61Kb / 4P
Small Signal Fast Switching Diodes
01-Sep-10
1N4448 VISHAY-1N4448_15 Datasheet
83Kb / 5P
Small Signal Fast Switching Diodes
06-May-13
logo
First Silicon Co., Ltd
1N4148WT FS-1N4148WT Datasheet
505Kb / 3P
Small-Signal Fast Switching Diodes
logo
Shenzhen Luguang Electr...
BAS16W LUGUANG-BAS16W_V01 Datasheet
1Mb / 3P
Small-Signal Fast Switching Diodes
logo
Vishay Siliconix
1N4151 VISHAY-1N4151_V01 Datasheet
80Kb / 4P
Small Signal Fast Switching Diodes
24-Feb-2020
1N4448 VISHAY-1N4448_V01 Datasheet
80Kb / 4P
Small Signal Fast Switching Diodes
24-Feb-2020
MCL4148 VISHAY-MCL4148_V01 Datasheet
91Kb / 4P
Small Signal Fast Switching Diodes
25-Feb-2020
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com