Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FXPS7115D4S Datasheet(PDF) 46 Page - NXP Semiconductors

Part # FXPS7115D4S
Description  Digital absolute pressure sensor, 40 kPa to 115 kPa
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXPS7115D4S Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button FXPS7115D4S Datasheet HTML 42Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 43Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 44Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 45Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 46Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 47Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 48Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 49Page - NXP Semiconductors FXPS7115D4S Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 72 page
background image
NXP Semiconductors
FXPS7115D4S
Digital absolute pressure sensor, 40 kPa to 115 kPa
details regarding the DEVSTAT register contents. A read of the DEVSTAT_COPY register has the same effect
as a read of the DEVSTAT register.
Bit
7
6
5
4
3
2
1
0
Symbol
DSP_ERR
reserved
COMM_ERR
MEMTEMP_ERR SUPPLY_ERR
TESTMODE
DEVRES
DEVINIT
Reset
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
Table 80. DEVSTAT_COPY - device status copy register (address 61h) bit allocation
For bit descriptions, see Table 38.
7.7.17 SNSDATA0_L, SNSDATA0_H - sensor data #0 registers (address 62h, 63h)
The sensor data #0 registers are read-only registers that contain the 16-bit sensor data. See Section 7.3.3.4
"Absolute pressure output data scaling equation" for details regarding the 16-bit sensor data.
The SNSDATA0_H register value is latched on a read of the SNSDATA0_L register value until the
SNSDATA0_H register is read. To avoid data mismatch, the user is always required to read the registers in
sequence, SNSDATA0_L register first, followed by the SNSDATA0_H register.
Location
Bit
Address
Symbol
7
6
5
4
3
2
1
0
62h
SNSDATA0_L
SNSDATA0_L[7:0]
63h
SNSDATA0_H
SNSDATA0_H[15:8]
Factory default
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
Table 81. SNSDATA0_L, SNSDATA0_H - sensor data #0 registers (addresses 62h, 63h) bit allocation
7.7.18 SNSDATA1_L, SNSDATA1_H - sensor data #1 registers (address 64h, 65h)
The sensor data #1 registers are read-only registers that contain the 16-bit sensor data. See Section 7.3.3.4
"Absolute pressure output data scaling equation" for details regarding the 16-bit sensor data. The SNSDATA1
registers are beneficial for I2C read wrap around to reduce the number of I2C transactions. In this case, the
temperature can be selected to be put into this register. See Table 9 and Table 67.
The SNSDATA1_H register value is latched on a read of the SNSDATA1_L register value until the
SNSDATA1_H register is read. To avoid data mismatch, the user is always required to read the registers in
sequence, SNSDATA1_L register first, followed by the SNSDATA1_H register.
Location
Bit
Address
Symbol
7
6
5
4
3
2
1
0
64h
SNSDATA1_L
SNSDATA1_L[7:0]
65h
SNSDATA1_H
SNSDATA1_H[15:8]
Factory default
0
0
0
0
0
0
0
0
Access
R
R
R
R
R
R
R
R
Table 82. SNSDATA1_L, SNSDATA1_H - sensor data #1 registers (address 64h, 65h) bit allocation
7.7.19 SNSDATA0_TIMEx - timestamp registers (address 66h to 6Bh)
The sensor data 0 timestamp registers are read-only registers that contain a 48-bit timestamp.
FXPS7115D4S
All information provided in this document is subject to legal disclaimers.
© 2023 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.4 — 3 November 2023
46 / 72



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com