Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMC2102 Datasheet(PDF) 21 Page - SMSC Corporation

Part # EMC2102
Description  RPM-Based Fan Controller with HW Thermal Shutdown
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMC2102 Datasheet(HTML) 21 Page - SMSC Corporation

Back Button EMC2102 Datasheet HTML 17Page - SMSC Corporation EMC2102 Datasheet HTML 18Page - SMSC Corporation EMC2102 Datasheet HTML 19Page - SMSC Corporation EMC2102 Datasheet HTML 20Page - SMSC Corporation EMC2102 Datasheet HTML 21Page - SMSC Corporation EMC2102 Datasheet HTML 22Page - SMSC Corporation EMC2102 Datasheet HTML 23Page - SMSC Corporation EMC2102 Datasheet HTML 24Page - SMSC Corporation EMC2102 Datasheet HTML 25Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 52 page
background image
RPM-Based Fan Controller with HW Thermal Shutdown
Datasheet
SMSC EMC2102
21
Revision 1.95 (10-19-06)
DATASHEET
5.2
Fan Control Modes of Operation
The EMC2102 has two modes of operation for the High Side Fan Driver. They are:
1. Manual Mode - in this mode of operation, the user directly controls the fan drive setting. Updating
the Fan Driver Setting Register (see Section 6.12) will instantly update the fan drive.
The Manual Mode is enabled by clearing the EN bit in the Fan Configuration Register (see
Section 6.13).
Whenever the Manual Mode is enabled the current drive will be changed to what was last written
into the Fan Driver Setting Register.
Setting the drive value to 00h will disable the High Side Fan Driver for lower power operation.
2. Using RPM based Fan Control Algorithm - in this mode of operation, the user determines a target
TACH count and the drive setting is automatically updated to achieve this target speed. The
algorithm uses the Spin Up Routine and has user definable ramp rate controls.
5.3
RPM based Fan Control Algorithm
The EMC2102 includes a RPM based Fan Control Algorithm that controls an integrated linear High
Side Fan Driver. This fan control algorithm automatically approaches and maintains the system’s
desired fan speed to an accuracy directly proportional to the accuracy of the clock source. Figure 5.2
shows a simple flow diagram of the RPM based Fan Control Algorithm operation.
The desired TACH count is set by the user inputting the desired number of 32.768KHz cycles that
occur per fan revolution. The user may change the target count at any time. The user may also set
the target count to FFh in order to disable the fan driver for lower current operation.
For example, if a desired RPM rate for a 2-pole fan is 3000RPMs, then the user would input the
hexidecimal equivalent of 655 (29h in the TACH Target Register). This number represents the number
of 32.768KHz cycles that would occur during the time it takes the fan to complete a single revolution
when it is spinning at 3000RPMs (see Equation [3] in Section 6.19).
Table 5.1 Fan Controls Active for Operating Mode
MANUAL MODE
ALGORITHM
Fan Driver Setting (read / write)
Fan Driver Setting (read only)
EDGES[1:0]
EDGES[1:0]
(Fan Configuration)
-
UPDATE[2:0]
(Fan Configuration)
-
LEVEL
(Spin Up Configuration)
-
SPINUP_TIME[1:0]
(Spin Up Configuration)
-
Fan Step
-
Fan Minimum Drive
Valid TACH Count
Valid TACH Count
-
TACH Target
TACH Reading
TACH Reading



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com