Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29SL800DB100WAF Datasheet(PDF) 26 Page - Advanced Micro Devices

Part # AM29SL800DB100WAF
Description  8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 1.8 Volt-only Super Low Voltage Flash Memory
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29SL800DB100WAF Datasheet(HTML) 26 Page - Advanced Micro Devices

Back Button AM29SL800DB100WAF Datasheet HTML 22Page - Advanced Micro Devices AM29SL800DB100WAF Datasheet HTML 23Page - Advanced Micro Devices AM29SL800DB100WAF Datasheet HTML 24Page - Advanced Micro Devices AM29SL800DB100WAF Datasheet HTML 25Page - Advanced Micro Devices AM29SL800DB100WAF Datasheet HTML 26Page - Advanced Micro Devices AM29SL800DB100WAF Datasheet HTML 27Page - Advanced Micro Devices AM29SL800DB100WAF Datasheet HTML 28Page - Advanced Micro Devices AM29SL800DB100WAF Datasheet HTML 29Page - Advanced Micro Devices AM29SL800DB100WAF Datasheet HTML 30Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
D A TA
SH EE T
24
Am29SL800D
27546A6 January 23, 2007
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
Plastic Packages ...............................–65
°C to +150°C
Ambient Temperature
with Power Applied............................–65
°C to +125°C
Voltage with Respect to Ground
VCC (Note 1) ................................ –0.5 V to +2.5 V
A9, OE#,
and RESET# (Note 2)................ –0.5 V to +11.0 V
All other pins (Note 1)........... –0.5 V to VCC+0.5 V
Output Short Circuit Current (Note 3) ............. 100 mA
Notes:
1.
Minimum DC voltage on input or I/O pins is –0.5 V. During voltage
transitions, input or I/O pins may overshoot VSS to –2.0 V for
periods of up to 20 ns. See Figure 7. Maximum DC voltage on
input or I/O pins is VCC +0.5 V. During voltage transitions, input
or I/O pins may overshoot to VCC +2.0 V for periods up to 20 ns.
See Figure 8.
2.
Minimum DC input voltage on pins A9, OE#, and RESET# is –0.5
V. During voltage transitions, A9, OE#, and RESET# may
overshoot VSS to –2.0 V for periods of up to 20 ns. See Maximum
DC input voltage on pin A9 is +11.0 V which may overshoot to
12.5 V for periods up to 20 ns.
3.
No more than one output may be shorted to ground at a time.
Duration of the short circuit should not be greater than one
second.
Stresses above those listed under “Absolute Maximum Ratings” may
cause permanent damage to the device. This is a stress rating only;
functional operation of the device at these or any other conditions
above those indicated in the operational sections of this data sheet is
not implied. Exposure of the device to absolute maximum rating
conditions for extended periods may affect device reliability.
OPERATING RANGES
Commercial (C) Devices
Ambient Temperature (TA).......................0°C to +70°C
Industrial (I) Devices
Ambient Temperature (TA)...................–40°C to +85°C
VCC Supply Voltages
VCC, 90ns speed option ...................+1.70 V to +2.2 V
VCC, All other speed options ............+1.65 V to +2.2 V
Operating ranges define those limits between which the functionality
of the device is guaranteed.
20 ns
20 ns
0.0 V
–0.5 V
20 ns
–2.0 V
Figure 7.
Maximum Negative Overshoot Waveform
20 ns
20 ns
VCC
+2.0 V
VCC
+0.5 V
20 ns
2.0 V
Figure 8.
Maximum Positive Overshoot Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com