Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2227 Datasheet(PDF) 26 Page - SMSC Corporation

Part # USB2227
Description  4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB2227 Datasheet(HTML) 26 Page - SMSC Corporation

Back Button USB2227 Datasheet HTML 19Page - SMSC Corporation USB2227 Datasheet HTML 20Page - SMSC Corporation USB2227 Datasheet HTML 21Page - SMSC Corporation USB2227 Datasheet HTML 22Page - SMSC Corporation USB2227 Datasheet HTML 23Page - SMSC Corporation USB2227 Datasheet HTML 24Page - SMSC Corporation USB2227 Datasheet HTML 25Page - SMSC Corporation USB2227 Datasheet HTML 26Page - SMSC Corporation USB2227 Datasheet HTML 27Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
4th Generation USB2.0 Flash Media Controller with Integrated Card Power FETs
Datasheet
Revision 1.91 (10-13-06)
26
SMSC USB2227/USB2228
DATASHEET
Figure 7.2 USB2227/USB2228 124-Pin DQFN Package Outline
Notes:
1. All dimensions are in millimeter.
2. Position tolerance of each terminal and exposed pad is ± 0.05mm at maximum material condition. Dimensions
“b” applies to plated terminal and is measured between 0.20 and 0.25mm from the terminal tip.
3. Details of terminal #1 identifier are optional but must be located within the area indicated.
4. Rounded inner tips on terminals are optional.
Table 7.2 USB2227/USB2228 124-Pin DQFN Package Parameters
SYMBOL
MIN
NOM
MAX
NOTE
REMARK
A
~
0.80
0.85
~
OVERALL PKG HEIGHT
A1
0
0.01
0.05
~
STANDOFF
A2
~
0.65
0.70
~
MOLD THICKNESS
D/E
9.90
10.00
10.10
~
“X” / “Y” BODY SIZE
D1/E1
9.65
9.75
9.85
~
“X” / “Y” MOLD SIZE
D2/E2
SEE VARIATIONS
2
“X” / “Y” EXPOSED PAD SIZE
La
0.30
0.40
0.50
4
OUTER TERMINAL LENGTH
Lb
0.30
0.40
0.50
4
INNER TERMINAL LENGTH
b
0.18
~
0.22
2
TERMINAL WIDTH
e
0.50 BSC
~
TERMINAL PITCH
e1
0.65 BSC
~
OUTER-INNER ROW DISTANCE
D2 / E2 VARIATIONS
MIN
NOM
MAX
NOTE
CATALOG PART
6.75
6.90
7.05
2
USB2228



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com