Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3290-FH Datasheet(PDF) 29 Page - SMSC Corporation

Part # USB3290-FH
Description  Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3290-FH Datasheet(HTML) 29 Page - SMSC Corporation

Back Button USB3290-FH Datasheet HTML 25Page - SMSC Corporation USB3290-FH Datasheet HTML 26Page - SMSC Corporation USB3290-FH Datasheet HTML 27Page - SMSC Corporation USB3290-FH Datasheet HTML 28Page - SMSC Corporation USB3290-FH Datasheet HTML 29Page - SMSC Corporation USB3290-FH Datasheet HTML 30Page - SMSC Corporation USB3290-FH Datasheet HTML 31Page - SMSC Corporation USB3290-FH Datasheet HTML 32Page - SMSC Corporation USB3290-FH Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
Small Footprint Hi-Speed USB 2.0 Device PHY with UTMI Interface
Datasheet
SMSC USB3290
29
Revision 1.2 (10-27-06)
DATASHEET
8.2
OPMODES
The OPMODE[1:0] pins allow control of the operating modes.
The OPMODE[1:0] signals are normally changed only when the transmitter and the receiver are
quiescent, i.e. when entering a test mode or for a device initiated resume.
When using OPMODE[1:0] = 10 (state 2), OPMODES are set, and then 5 60MHz clocks later,
TXVALID is asserted. In this case, the SYNC and EOP patterns are not transmitted.
The only exception to this is when OPMODE[1:0] is set to state 2 while TXVALID has been asserted
(the transceiver is transmitting a packet), in order to flag a transmission error. In this case, the
USB3290 has already transmitted the SYNC pattern so upon negation of TXVALID the EOP must also
be transmitted to properly terminate the packet. Changing the OPMODE[1:0] signals under all other
conditions, while the transceiver is transmitting or receiving data will generate undefined results.
Under no circumstances should the device controller change OPMODE while the DP/DM lines are still
transmitting or unpredictable changes on DP/DM are likely to occur. The same applies for
TERMSELECT and XCVRSELECT.
8.3
Test Mode Support
Table 8.2 Operational Modes
MODE[1:0]
STATE#
STATE NAME
DESCRIPTION
00
0
Normal Operation
Transceiver operates with normal USB data encoding and
decoding
01
1
Non-Driving
Allows the transceiver logic to support a soft disconnect feature
which tri-states both the HS and FS transmitters, and removes
any termination from the USB making it appear to an upstream
port that the device has been disconnected from the bus
10
2
Disable Bit Stuffing
and NRZI encoding
Disables bitstuffing and NRZI encoding logic so that 1's loaded
from the DATA bus become 'J's on the DP/DM and 0's become
'K's
11
3
Reserved
N/A
Table 8.3 USB 2.0 Test Modes
USB 2.0 TEST MODES
USB3290 SETUP
OPERATIONAL MODE
SIE TRANSMITTED DATA
XCVRSELECT &
TERMSELECT
SE0_NAK
State 0
No transmit
HS
J
State 2
All '1's
HS
K
State 2
All '0's
HS
Test_Packet
State 0
Test Packet data
HS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com