Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3300 Datasheet(PDF) 31 Page - SMSC Corporation

Part # USB3300
Description  Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB3300 Datasheet(HTML) 31 Page - SMSC Corporation

Back Button USB3300_06 Datasheet HTML 27Page - SMSC Corporation USB3300_06 Datasheet HTML 28Page - SMSC Corporation USB3300_06 Datasheet HTML 29Page - SMSC Corporation USB3300_06 Datasheet HTML 30Page - SMSC Corporation USB3300_06 Datasheet HTML 31Page - SMSC Corporation USB3300_06 Datasheet HTML 32Page - SMSC Corporation USB3300_06 Datasheet HTML 33Page - SMSC Corporation USB3300_06 Datasheet HTML 34Page - SMSC Corporation USB3300_06 Datasheet HTML 35Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
Hi-Speed USB Host, Device or OTG PHY with ULPI Low Pin Interface
Datasheet
SMSC USB3300
31
Revision 1.06 (07-19-06)
DATASHEET
during a USB receive when NXT is low.
after STP is asserted during a USB transmit cmd.
Notes:
1. An ‘X’ is a do not care and can be either a logic 0 or 1.
2. The value of VbusValid is defined in Table 6.10.
6.1.7
USB3300 Transmitter
The USB3300 ULPI transmitter fully supports HS, FS, and LS transmit operations. Figure 6.2 shows
the high speed, full speed, and low speed transmitter block controlled by ULPI Protocol Block.
Encoding of the USB packet follows the bit-stuffing and NRZI outlined in the USB 2.0 specification.
Many of these functions are re-used between the high speed and full/low speed transmitters. When
using the USB3300, Table 6.8 should always be used as a guideline on how to configure for various
modes of operation. The transmitter decodes the inputs of Xcvrselect, Termselect, opmodes,
DpPulldown and DmPulldown to determine what operation is expected. Users must strictly adhere to
the modes of operation given in Table 6.8.
Several important functions for a device and host are designed in the transmitter blocks.
Table 6.5 ULPI RX CMD Encoding
DATA[7:0]
NAME
DESCRIPTION AND VALUE
[1:0]
Linestate
UTMI Linestate Signals
DATA[1] = Linestate[1]
DATA[0] = Linestate[0]
[3:2]
Encoded
Vbus
State
ENCODED VBUS VOLTAGE STATES
VALUE
VBUS VOLTAGE
SESSEND
SESSVLD
VBUSVLD2
00
VVBUS < VSESS_END
10
0
01
VSESS_END < VVBUS <
VSESS_VLD
00
0
10
VSESS_VLD < VVBUS <
VVBUS_VLD
X1
0
11
VVBUS_VLD < VVBUS
XX
1
[5:4]
Rx Event
Encoding
ENCODED UTMI EVENT SIGNALS
VALUE
RXACTIVE
RXERROR
HOSTDISCONNECT
00
0
0
0
01
1
0
0
11
1
1
0
10
X
X
1
[6]
State of
ID pin
Set to the logic state of the ID pin. A logic low indicates an A device. A logic high
indicates a B device.
[7]
Reserved
Always



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com