Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAN8187 Datasheet(PDF) 39 Page - SMSC Corporation

Part # LAN8187
Description  짹15kV ESD Protected MII/RMII Fast-Ethernet PHY with HP Auto-MDIX and SMSC flexPWRTM
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN8187 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button LAN8187 Datasheet HTML 35Page - SMSC Corporation LAN8187 Datasheet HTML 36Page - SMSC Corporation LAN8187 Datasheet HTML 37Page - SMSC Corporation LAN8187 Datasheet HTML 38Page - SMSC Corporation LAN8187 Datasheet HTML 39Page - SMSC Corporation LAN8187 Datasheet HTML 40Page - SMSC Corporation LAN8187 Datasheet HTML 41Page - SMSC Corporation LAN8187 Datasheet HTML 42Page - SMSC Corporation LAN8187 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 72 page
background image
Table 5.22 Register 25: Vendor-Specific
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
Table 5.23 Register 26: Vendor-Specific
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
Table 5.24 Special Control/Status Indications Register 27: Vendor-Specific
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
AMDIXCTRL
Reserved
CH_SELECT
Reserved
SQEOFF
Reserved
XPOL
Reserved
Table 5.25 Special Internal Testability Control Register 28: Vendor-Specific
15
14
13
12
11
10
98
7654
321
0
Reserved
Table 5.26 Interrupt Source Flags Register 29: Vendor-Specific
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Reserved
INT7
INT6
INT5
INT4
INT3
INT2
INT1
Reserved
Table 5.27 Interrupt Mask Register 30: Vendor-Specific
15
14
13
12
11
10
9
8
7654321
0
Reserved
Mask Bits
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com