Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDD160GT28DPBE Datasheet(PDF) 40 Page - Advanced Micro Devices

Part # AM29BDD160GT28DPBE
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GT28DPBE Datasheet(HTML) 40 Page - Advanced Micro Devices

Back Button AM29BDD160GT28DPBE Datasheet HTML 36Page - Advanced Micro Devices AM29BDD160GT28DPBE Datasheet HTML 37Page - Advanced Micro Devices AM29BDD160GT28DPBE Datasheet HTML 38Page - Advanced Micro Devices AM29BDD160GT28DPBE Datasheet HTML 39Page - Advanced Micro Devices AM29BDD160GT28DPBE Datasheet HTML 40Page - Advanced Micro Devices AM29BDD160GT28DPBE Datasheet HTML 41Page - Advanced Micro Devices AM29BDD160GT28DPBE Datasheet HTML 42Page - Advanced Micro Devices AM29BDD160GT28DPBE Datasheet HTML 43Page - Advanced Micro Devices AM29BDD160GT28DPBE Datasheet HTML 44Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 79 page
background image
38
Am29BDD160G
June 7, 2006
Figure 5 illustrates the Embedded™ Erase Algorithm,
using a typical command sequence and bus operation.
Refer to the Erase/Program Operations tables in the
AC Characteristics section for parameters, and to Fig-
ure 22 for timing diagrams.
Sector Erase and Program Suspend
Command
The Sector Erase and Program Suspend command al-
lows the user to interrupt a Sector Erase or Program
operation and perform data read or programs in a sec-
tor that is not being erased or to the sector where a
programming operation was initiated. This command
is applicable only during the Sector Erase and Pro-
gramming operation, which includes the time-out pe-
riod for Sector Erase.
Sector Erase and Program Suspend
Operation Mechanics
■ A successful erase pulse has a duration or 1.2 ms
± 20%, depending on the number of previous erase
cycles (among other factors).
■ A successful sector erase operation requires 300
successful erase pulses.
■ An internal counter monitors the number of erase
pulses initiated and has a maximum value of 5980.
The counter is incremented by one every time an
erase pulse is initiated, regardless of whether or not
that erase pulse is successful. An erase pulse is ter-
minated immediately when the suspend command
is executed. A new erase pulse is initiated when the
resume command is executed (and the counter is
incremented).
■ Given that 300 successful erase pulses are re-
quired, a successful sector erase operation shall
have a maximum of 5680 erase suspends.
The Sector Erase and Program Suspend command is
ignored if written during the execution of the Chip
Erase operation or Embedded Program Algorithm (but
will reset the chip if written improperly during the com-
mand sequences). Writing the Sector Erase and Pro-
gram command during the Sector Erase time-out
results in immediate termination of the time-out period
and suspension of the erase operation. Once in Erase
Suspend, the device is available for reading (note that
in the Erase Suspend mode, the Reset command is
not required for read operations and is ignored) or pro-
gram operations in sectors not being erased. Any
other command written during the Erase Suspend
mode is ignored, except for the Sector Erase and Pro-
gram Resume command. Writing the Erase and Pro-
gram Resume command resumes the sector erase
operation. The bank address of the erase suspended
bank is required when writing this command
If the Sector Erase and Program Suspend command
is written during a programming operation, the device
suspends programming operations and allows only
read operations in sectors not selected for program-
ming. Further nesting of either erase or programming
operations is not permitted. Table 18 summarizes per-
missible operations during Erase and Program Sus-
pend. (A busy sector is one that is selected for
programming or erasure.):
Table 18.
Allowed Operations During
Erase/Program Suspend
When the Sector Erase and Program Suspend com-
mand is written during a Sector Erase operation, the
chip will take between 0.1 µs and 20 µs to actually
suspend the operation and go into the erase sus-
pended read mode (pseudo-read mode), at which time
the user can read or program from a sector that is not
erase suspended. Reading data in this mode is the
same as reading from the standard read mode, except
that the data must be read from sectors that have not
been erase suspended.
Polling DQ6 on two immediately consecutive reads
from a given address provides the system with the
START
Write Erase
Command Sequence
Data Poll
from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress
Notes:
1. See Tables 18 and 20 for erase command sequence.
2. See DQ3: Sector Erase Timer for more information.
Figure 5.
Erase Operation
Sector
Program Suspend
Erase Suspend
Busy Sector
Program Resume
Erase Resume
Non-busy
sectors
Read Only
Read or Program



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com