Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29BDD160GB28DPBE Datasheet(PDF) 22 Page - Advanced Micro Devices

Part # AM29BDD160GB28DPBE
Description  16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29BDD160GB28DPBE Datasheet(HTML) 22 Page - Advanced Micro Devices

Back Button AM29BDD160GB28DPBE Datasheet HTML 18Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 19Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 20Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 21Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 22Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 23Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 24Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 25Page - Advanced Micro Devices AM29BDD160GB28DPBE Datasheet HTML 26Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 79 page
background image
20
Am29BDD160G
June 7, 2006
Table 7.
Valid Configuration Register Bit Definition for IND/WAIT#
Note: Operation is shown for the 32-bit data bus. For a 16-bit data bus, A-1 is required. Figure shown with 3-CLK initial access
delay configuration, linear address, 4-doubleword burst, output on rising CLK edge, data hold for 1-CLK, IND/WAIT# asserted
on the last transfer before wrap-around.
Figure 2.
End of Burst Indicator (IND/WAIT#) Timing for Linear 8-Word Burst Operation
DOC
WC
CC
Definition
0
0
1
IND/WAIT# = VIL for 1-CLK cycle, Active on last transfer, Driven on rising CLK edge
0
1
1
IND/WAIT# = VIL for 1-CLK cycle, Active on second to last transfer, Driven on rising CLK edge
CE#
CLK
ADV#
A0-A18
OE#
Address 1
Address 2
InvalidD1
D2
D3
D0
Address 1 Latched
3 Clock Delay
IND/WAIT#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com