Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20019I3V-HT Datasheet(PDF) 4 Page - SMSC Corporation

Part # COM20019I3V-HT
Description  Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20019I3V-HT Datasheet(HTML) 4 Page - SMSC Corporation

  COM20019I3V-HT Datasheet HTML 1Page - SMSC Corporation COM20019I3V-HT Datasheet HTML 2Page - SMSC Corporation COM20019I3V-HT Datasheet HTML 3Page - SMSC Corporation COM20019I3V-HT Datasheet HTML 4Page - SMSC Corporation COM20019I3V-HT Datasheet HTML 5Page - SMSC Corporation COM20019I3V-HT Datasheet HTML 6Page - SMSC Corporation COM20019I3V-HT Datasheet HTML 7Page - SMSC Corporation COM20019I3V-HT Datasheet HTML 8Page - SMSC Corporation COM20019I3V-HT Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 70 page
background image
Cost Competitive ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip
RAM
Rev. 10-31-06
Page 4
SMSC COM20019I 3.3V Rev.C
DATASHEET
6.6.1
Internal Reset Logic................................................................................................................................43
6.7
INITIALIZATION SEQUENCE ....................................................................................................... 43
6.7.1
Bus Determination ..................................................................................................................................43
6.8
IMPROVED DIAGNOSTICS .......................................................................................................... 44
6.8.1
Normal Results: ......................................................................................................................................45
6.8.2
Abnormal Results: ..................................................................................................................................45
6.9
OSCILLATOR ................................................................................................................................ 45
Chapter 7
Operational Description .................................................................................................... 47
7.1
MAXIMUM GUARANTEED RATINGS* ......................................................................................... 47
7.2
DC ELECTRICAL CHARACTERISTICS........................................................................................ 47
Chapter 8
Timing Diagrams................................................................................................................ 50
Chapter 9
Package Outlines ................................................................................................................64
9.1
28 Pin PLCC Package Outline and Parameters ............................................................................ 64
9.2
48 Pin TQFP Package Outline and Parameters ............................................................................ 65
Chapter 10
Appendix A......................................................................................................................66
10.1
NOSYNC Bit................................................................................................................................... 66
10.2
EF Bit.............................................................................................................................................. 66
Chapter 11
Appendix B ......................................................................................................................69
Chapter 12
Appendix C......................................................................................................................70
12.1
Software Identification of the COM20019I 3V Rev B and Rev C................................................... 70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com