Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20020I3V-HT Datasheet(PDF) 4 Page - SMSC Corporation

Part # COM20020I3V-HT
Description  5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20020I3V-HT Datasheet(HTML) 4 Page - SMSC Corporation

  COM20020I3V-HT Datasheet HTML 1Page - SMSC Corporation COM20020I3V-HT Datasheet HTML 2Page - SMSC Corporation COM20020I3V-HT Datasheet HTML 3Page - SMSC Corporation COM20020I3V-HT Datasheet HTML 4Page - SMSC Corporation COM20020I3V-HT Datasheet HTML 5Page - SMSC Corporation COM20020I3V-HT Datasheet HTML 6Page - SMSC Corporation COM20020I3V-HT Datasheet HTML 7Page - SMSC Corporation COM20020I3V-HT Datasheet HTML 8Page - SMSC Corporation COM20020I3V-HT Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
5Mbps ARCNET (ANSI 878.1) Controller with 2K x 8 On-Chip RAM
Revision 12-06-06
SMSC COM20020I 3.3V
DATASHEET
4
Figure 14 - MULTIPLEXED BUS, 80XX-LIKE CONTROL SIGNALS; WRITE CYCLE.................................................51
Figure 15 - NON-MULTIPLEXED BUS, 80XX-LIKE CONTROL SIGNALS; READ CYCLE .........................................52
Figure 16 - NON-MULTIPLEXED BUS, 80XX-LIKE CONTROL SIGNALS; READ CYCLE .........................................53
Figure 17 - NON-MULTIPLEXED BUS, 68XX-LIKE CONTROL SIGNALS; READ CYCLE .........................................54
Figure 18 - NON-MULTIPLEXED BUS, 68XX-LIKE CONTROL SIGNALS; READ CYCLE .........................................55
Figure 19 - NON-MULTIPLEXED BUS, 80XX-LIKE CONTROL SIGNALS; WRITE CYCLE .......................................56
Figure 20 - NON-MULTIPLEXED BUS, 68XX-LIKE CONTROL SIGNALS; WRITE CYCLE .......................................57
Figure 21 – NORMAL MODE TRANSMIT OR RECEIVE TIMING ...............................................................................58
Figure 22 – BACKPLANE MODE TRANSMIT OR RECEIVE TIMING .........................................................................58
Figure 23 – TTL INPUT TIMING ON XTAL1 PIN .........................................................................................................59
Figure 24 – RESET AND INTERRUPT TIMING...........................................................................................................59
Figure 25 - 28 PIN PLCC PACKAGE DIMENSIONS ...................................................................................................60
Figure 26 - 48 PIN TQFP PACKAGE OUTLINE...........................................................................................................61
Figure 27 - EFFECT OF THE EF BIT ON THE TA/RI BIT ...........................................................................................63
LIST OF TABLES
Table 1 - Typical Media ................................................................................................................................................23
Table 2 - Read Register Summary...............................................................................................................................24
Table 3 - Write Register Summary ...............................................................................................................................25
Table 4 - Status Register ..............................................................................................................................................28
Table 5 - Diagnostic Status Register.............................................................................................................................29
Table 6 - Command Register........................................................................................................................................30
Table 7 - Address Pointer High Register .......................................................................................................................31
Table 8 - Address Pointer Low Register........................................................................................................................31
Table 9 - Sub Address Register ...................................................................................................................................31
Table 10 - Configuration Register ................................................................................................................................31
Table 11 - Setup 1 Register ..........................................................................................................................................33
Table 12 - Setup 2 Register ..........................................................................................................................................34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com