Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM20022I3V-HT Datasheet(PDF) 39 Page - SMSC Corporation

Part # COM20022I3V-HT
Description  10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

COM20022I3V-HT Datasheet(HTML) 39 Page - SMSC Corporation

Back Button COM20022I3V-HT Datasheet HTML 35Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 36Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 37Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 38Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 39Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 40Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 41Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 42Page - SMSC Corporation COM20022I3V-HT Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 83 page
background image
10 Mbps ARCNET (ANSI 878.1) Controller with 2Kx8 On-Board RAM
Datasheet
SMSC COM20022I 3V
Page 39
Revision 02-27-06
DATASHEET
Table 6.8 - Address Pointer High Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7
Read Data
RDDATA
This bit tells the COM20022I 3V whether the following
access will be a read or write. A logic "1" prepares the
device for a read, a logic "0" prepares it for a write.
6
Auto Increment
AUTOINC
This bit controls whether the address pointer will
increment automatically. A logic "1" on this bit allows
automatic increment of the pointer after each access,
while a logic "0" disables this function. Please refer to the
Sequential Access Memory section for further detail.
5-4
(Reserved)
These bits are undefined.
3
DMA Enable
DMAEN
This bit is used to Disable/Enable the assertion of the
DMA Request (DREQ pin) after writing the Address
Pointer Low register. DMAEN=0: Disable (Default).
DMAEN=1: Enable the assertion of the DREQ pin after
writing the Address Pointer Low register. Writing
DMAEN=0 during the DMA operation will negate the
DREQ pin immediately. The DMA operation is terminated
immediately after the next DACK pin negation. The
inverting signal of DAMEN is the Interrupt source signal
DMAEND. The DMAEN bit is cleared automatically by
finishing the DMA. If the DMAEND bit in the Mask register
is not masked, the Interrupt occurs by finishing the DMA
operation.
2-0
Address 10-8
A10-A8
These bits hold the upper three address bits which
provide addresses to RAM.
Table 6.9 - Address Pointer Low Register
BIT
BIT NAME
SYMBOL
DESCRIPTION
7-0
Address 7-0
A7-A0
SWAP
These bits hold the lower 8 address bits which provide the
addresses to RAM.
When 16 bit access is enabled, (W16=1), A0 becomes the
SWAP bit. Swap bit is undefined after a hardware reset.
The swap bit must be set before W16 bit is set to “1”. The
swap bit is used to swap the upper and lower data byte.
The swap bit influences both CPU cycle and DMA cycle.
See Table Below.
Detected Host
Interface Mode
Swap Bit
D15-D8
Pin
D7-D0
Pin
Intel 80xx Mode
0
Odd
Even
(RD, WR Mode)
1
Even
Odd
Motorola 68xx Mode
0
Even
Odd
(DIR, DS Mode)
1
Odd
Even



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com