Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT373CSC Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # 74ABT373CSC
Description  Octal Transparent Latch with 3-STATE Outputs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ABT373CSC Datasheet(HTML) 5 Page - Fairchild Semiconductor

  74ABT373CSC Datasheet HTML 1Page - Fairchild Semiconductor 74ABT373CSC Datasheet HTML 2Page - Fairchild Semiconductor 74ABT373CSC Datasheet HTML 3Page - Fairchild Semiconductor 74ABT373CSC Datasheet HTML 4Page - Fairchild Semiconductor 74ABT373CSC Datasheet HTML 5Page - Fairchild Semiconductor 74ABT373CSC Datasheet HTML 6Page - Fairchild Semiconductor 74ABT373CSC Datasheet HTML 7Page - Fairchild Semiconductor 74ABT373CSC Datasheet HTML 8Page - Fairchild Semiconductor 74ABT373CSC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74ABT373 Rev. 1.4
5
DC Electrical Characteristics
SOIC package.
Notes:
4. Max number of outputs defined as (n). n – 1 data inputs are driven 0V to 3V. One output at Low. Guaranteed, but not
tested.
5. Max number of outputs defined as (n). n – 1 data inputs are driven 0V to 3V. One output HIGH. Guaranteed, but not
tested.
6. Max number of data inputs (n) switching. n – 1 inputs switching 0V to 3V. Input-under-test switching: 3V to threshold
(VILD), 0V to threshold (VIHD). Guaranteed, but not tested.
AC Electrical Characteristics
SOIC and SSOP package.
Symbol
Parameter
VCC
Conditions
CL = 50pF, RL = 500Ω
Min.
Typ.
Max.
Units
VOLP
Quiet Output Maximum Dynamic
VOL
5.0
TA = 25°C
(4)
0.4
0.8
V
VOLV
Quiet Output Minimum Dynamic
VOL
5.0
TA = 25°C
(4)
–1.2
–0.8
V
VOHV
Minimum HIGH Level Dynamic
Output Voltage
5.0
TA = 25°C
(5)
2.5
3.0
V
VIHD
Minimum HIGH Level Dynamic
Input Voltage
5.0
TA = 25°C
(6)
2.0
1.7
V
VILD
Maximum LOW Level Dynamic
Input Voltage
5.0
TA = 25°C
(6)
0.9
0.6
V
Symbol
Parameter
TA = +25°C,
VCC = +5.0V,
CL = 50pF
TA = –55°C to +125°C,
VCC = 4.5V to 5.5V,
CL = 50pF
TA = –40°C to +85°C,
VCC = 4.5V to 5.5V,
CL = 50pF
Units
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
Propagation Delay
Dn to On
1.9
2.7
4.5
1.0
6.8
1.9
4.5
ns
tPHL
1.9
2.8
4.5
1.0
7.0
1.9
4.5
tPLH
Propagation Delay
LE to On
2.0
3.1
5.0
1.0
7.7
2.0
5.0
ns
tPHL
2.0
3.0
5.0
1.5
7.7
2.0
5.0
tPZH
Output Enable Time
1.5
3.1
5.3
1.0
6.7
1.5
5.3
ns
tPZL
1.5
3.1
5.3
1.5
7.2
1.5
5.3
tPHZ
Output Disable Time
2.0
3.6
5.4
1.7
8.0
2.0
5.4
ns
tPLZ
2.0
3.4
5.4
1.0
7.0
2.0
5.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com