Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA3200DEP3AX Datasheet(PDF) 60 Page - Advanced Micro Devices

Part # ADA3200DEP3AX
Description  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DEP3AX Datasheet(HTML) 60 Page - Advanced Micro Devices

Back Button ADA3200DEP3AX Datasheet HTML 56Page - Advanced Micro Devices ADA3200DEP3AX Datasheet HTML 57Page - Advanced Micro Devices ADA3200DEP3AX Datasheet HTML 58Page - Advanced Micro Devices ADA3200DEP3AX Datasheet HTML 59Page - Advanced Micro Devices ADA3200DEP3AX Datasheet HTML 60Page - Advanced Micro Devices ADA3200DEP3AX Datasheet HTML 61Page - Advanced Micro Devices ADA3200DEP3AX Datasheet HTML 62Page - Advanced Micro Devices ADA3200DEP3AX Datasheet HTML 63Page - Advanced Micro Devices ADA3200DEP3AX Datasheet HTML 64Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
60
AMD Sempron™ Processor
3
AMD Sempron™ Processor
The following sections contain thermal/power and related BIOS specifications for AMD Sempron™
processors. Each column in the BIOS and thermal/power tables represents a specific Ordering Part
Number (OPN). Section 3.1 provides an example of the OPN structure for this processor family.
For all other electrical specifications for the processor, refer to the AMD Sempron™ Product Data
Sheet, order #31804. For power management BIOS requirements, refer to the BIOS and Kernel
Developer’s Guide for AMD Athlon™ 64 Processors and AMD Opteron™ Processors, order #26094.
3.1 Ordering Part Number Description
Figure 3.
AMD Sempron™ Processor Ordering Part Number Example
Table 20: AMD Sempron™ Processor Part Definition Options
Part
Definition
Revision
Package
Drawing
AX
Rev CG
Lidded
BA
Rev D0
Lidded
BX
Rev E6
Lidded
Part Definition: AX= Rev CG (see Table 20)
L2 Cache Size: 3= 256 KB (see Table 21)
Case Temperature: P= 70oC (see Table 22)
Operating Voltage: I= 1.40 V (see Table 23)
Package: A= 754 pin lidded O
μPGA (see Table 24)
Model Number: 3100: 1800 MHz (see Table 25)
Brand: AMD Sempron™ Desktop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com