Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS800Q Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # MAS800Q
Description  Oscillation Frequency (Hz) 2700 ± 500
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

MAS800Q Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  MAS800Q Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mallory Sonalert Products
Inc.
Part #
MAS800Q
Sales Outline Drawing
Revision
B
4411 South High School Road, Indianapolis, Indiana 46241 USA ● Phone (317) 612-1000 ● Fax (317) 612-1010 ● http://www.mspindy.com
May not be suitable for all medical and aerospace applications.
Specifications: Contact Mallory Sonalert to discuss your application.
Oscillation Frequency (Hz)
2700 ± 500
Operating Voltage (Vdc)
9 ~ 12
Current Consumption Max. (mA)
50 @ 12 Vdc
Sound Pressure Level (dB/min)
103 @ 10cm @ 12 Vdc
Tone/Pulse Rate
Constant
Operating Temperature (°C)
-20 ~ +90
Storage Temperature (°C)
-30 ~ +100
Lead Pin
100% Pure Tin Plated Brass
No Post Plating Processes
Housing
ABS 777D UL94HB Plastic resin
(Color: Gray)
Weight (Grams)
10
Condition by wave soldering (°C)
245 ±5 / 3±0.5 sec
Condition by hand soldering (°C)
350 ±20 / within 5 sec
Options
For other options contact factory
RoHS Compliant
Dimensions: (units: mm)


Similar Part No. - MAS800Q

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MAS800SQ MSPI-MAS800SQ Datasheet
112Kb / 1P
Oscillation Frequency (Hz) 2700 ± 500
More results

Similar Description - MAS800Q

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MAS800SQ MSPI-MAS800SQ Datasheet
112Kb / 1P
Oscillation Frequency (Hz) 2700 ± 500
MAS803Q MSPI-MAS803Q Datasheet
107Kb / 1P
Oscillation Frequency (Hz) 2800 ± 500
MCP320B2Q MSPI-MCP320B2Q Datasheet
91Kb / 1P
Oscillation Frequency (Hz) 2500 ± 500
PF-27A35WQ MSPI-PF-27A35WQ Datasheet
100Kb / 1P
Oscillation Frequency (Hz) 3500 ±500
PF-27N25PSQ MSPI-PF-27N25PSQ Datasheet
104Kb / 1P
Oscillation Frequency (Hz) 2500 ±500
PF-27N26WQ MSPI-PF-27N26WQ Datasheet
91Kb / 1P
Oscillation Frequency (Hz) 2500 ±500
PF-27N35PSQ MSPI-PF-27N35PSQ Datasheet
104Kb / 1P
Oscillation Frequency (Hz) 3500 ± 500
PFD-27N36WQ MSPI-PFD-27N36WQ Datasheet
101Kb / 1P
Oscillation Frequency (Hz) 3500 ± 500
PK-20A25WQ MSPI-PK-20A25WQ Datasheet
95Kb / 1P
Oscillation Frequency (Hz) 2500 ± 500
PK-21N30WQ MSPI-PK-21N30WQ Datasheet
97Kb / 1P
Oscillation Frequency (Hz) 3000 ± 500
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com