Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSR205NPR Datasheet(PDF) 1 Page - Mallory Sonalert Products Inc

Part # MSR205NPR
Description  Sound Level Category Loud
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSPI [Mallory Sonalert Products Inc]
Direct Link  https://www.mspindy.com/default.aspx
Logo MSPI - Mallory Sonalert Products Inc

MSR205NPR Datasheet(HTML) 1 Page - Mallory Sonalert Products Inc

  MSR205NPR Datasheet HTML 1Page - Mallory Sonalert Products Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part #:
Revision:
Specifications:
MSR205NPR
C
Mallory Sonalert Products,Inc.
Sales Outline Drawing
Sound Level Category
Mode of Operation
Operating Temperature
3900 ± 500 Hz
Loud
2 to 5 VDC
Fast Pulse @ 2 - 10 PPS
Voltage Rating
Frequency
Loudness @ 1 FT
Current Draw
85 dB(A) Typ.
10mA MAX
-40° to +85° C
-40° to +85° C
Valox (UL94V-0), Color Blue
Housing Material
Storage Temperature
4411 South High School Road, Indianapolis, Indiana 46241 U.S.A · Phone: (317) 612-1000 Fax: (317) 612-1010
www.mallory-sonalert.com
ROHS Compliant
3.5g
Please contact factory.
Weight (Typical)
Dimensions: Inches (mm)
Options


Similar Part No. - MSR205NPR

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MSR205NPSR MSPI-MSR205NPSR Datasheet
57Kb / 1P
Sound Level Category Loud
More results

Similar Description - MSR205NPR

ManufacturerPart #DatasheetDescription
logo
Mallory Sonalert Produc...
MSO206NLR MSPI-MSO206NLR Datasheet
39Kb / 1P
Sound Level Category Loud
MSO206NR MSPI-MSO206NR Datasheet
43Kb / 1P
Sound Level Category Loud
MSR205NJSR MSPI-MSR205NJSR Datasheet
57Kb / 1P
Sound Level Category Loud
MSR205NPSR MSPI-MSR205NPSR Datasheet
57Kb / 1P
Sound Level Category Loud
MSR205NR MSPI-MSR205NR Datasheet
44Kb / 1P
Sound Level Category Loud
MSR205NSR MSPI-MSR205NSR Datasheet
48Kb / 1P
Sound Level Category Loud
MSR516NJR MSPI-MSR516NJR Datasheet
44Kb / 1P
Sound Level Category Loud
MSR516NPR MSPI-MSR516NPR Datasheet
44Kb / 1P
Sound Level Category Loud
MSR516NPSR MSPI-MSR516NPSR Datasheet
49Kb / 1P
Sound Level Category Loud
MSR516NSR MSPI-MSR516NSR Datasheet
49Kb / 1P
Sound Level Category Loud
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com