Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4083APZ Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP4083APZ
Description  80V, 300mA Three Phase High Side Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4083APZ Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HIP4083APZ Datasheet HTML 2Page - Intersil Corporation HIP4083APZ Datasheet HTML 3Page - Intersil Corporation HIP4083APZ Datasheet HTML 4Page - Intersil Corporation HIP4083APZ Datasheet HTML 5Page - Intersil Corporation HIP4083APZ Datasheet HTML 6Page - Intersil Corporation HIP4083APZ Datasheet HTML 7Page - Intersil Corporation HIP4083APZ Datasheet HTML 8Page - Intersil Corporation HIP4083APZ Datasheet HTML 9Page - Intersil Corporation HIP4083APZ Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
FIGURE 5. FLOATING SUPPLY SWITCHING BIAS CURRENT
FIGURE 6. FLOATING SUPPLY SWITCHING BIAS CURRENT
FIGURE 7. UNDERVOLTAGE THRESHOLD
FIGURE 8. PROPAGATION DELAY
FIGURE 9. RISE AND FALL TIME (10-90%)
FIGURE 10. GATE DRIVER AVERAGE TURN-ON CURRENT
Typical Performance Curves (Continued)
-60
-40
-20
0
20
40
60
80
100
120
140
160
0
1
2
3
4
JUNCTION TEMPERATURE (°C)
CGATE = 1000pF
200kHz
100kHz
50kHz
20kHz
10kHz
-60 -40
-20
0
20
40
60
80
100
120
140
160
0
0.5
1.0
1.5
2.0
2.5
JUNCTION TEMPERATURE (°C)
NO LOAD
200kHz
100kHz
50kHz
20kHz
10kHz
-60
-40
-20
0
20
40
60
80
100
120
140 160
5
6
7
8
9
10
JUNCTION TEMPERATURE (°C)
ENABLE (50K, UVLO TO GND)
TRIP (50K, UVLO TO GND)
ENABLE (UVLO OPEN)
TRIP (UVLO OPEN)
TRIP/ENABLE (OK, UVLO TO VDD)
-60
-40
-20
0
20
40
60
80
100
120
140 160
40
60
80
100
JUNCTION TEMPERATURE (°C)
TURN-OFF
TURN-ON
ENABLE TURN-ON
DISABLE TURN-OFF
-60
-40
-20
0
20
40
60
80
100
120
140 160
20
30
40
50
JUNCTION TEMPERATURE (°C)
TURN-ON
TURN-OFF
CGATE = 1000pF
-60
-40
-20
0
20
40
60
80
100
120 140 160
0.1
0.15
0.2
0.25
0.3
0.35
JUNCTION TEMPERATURE (°C)
0V TO 5V
15V
12V
10V
8V
7V
HIP4083
HIP4083



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com