Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMCT03 Datasheet(PDF) 4 Page - SMSC Corporation

Part # EMCT03
Description  1째C Triple SMBus Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

EMCT03 Datasheet(HTML) 4 Page - SMSC Corporation

  EMCT03 Datasheet HTML 1Page - SMSC Corporation EMCT03 Datasheet HTML 2Page - SMSC Corporation EMCT03 Datasheet HTML 3Page - SMSC Corporation EMCT03 Datasheet HTML 4Page - SMSC Corporation EMCT03 Datasheet HTML 5Page - SMSC Corporation EMCT03 Datasheet HTML 6Page - SMSC Corporation EMCT03 Datasheet HTML 7Page - SMSC Corporation EMCT03 Datasheet HTML 8Page - SMSC Corporation EMCT03 Datasheet HTML 9Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
1°C Triple SMBus Temperature Sensor
Datasheet
Revision 2.3 (04-19-05)
4
SMSC EMCT03
DATASHEET
Chapter 2 Electrical Characteristics
VDD=3.3V±10%, AmbientTemp=0
°C to 85°C, except as noted below.
CHARACTERISTIC
MIN
TYP
MAX
UNIT
DC Power
Supply Voltage VDD
3.0
3.3
3.6
V
Current Consumption from VDD:
16 sets of conversions per second
8 sets of conversions per second
4 full sets of conversions per second
2 full sets of conversions per second
1 full set of conversions per second
Power Down
3
1.75
1
700
500
3
mA
mA
mA
µA
µA
µA
POR Threshold
2.5
V
Internal Temperature Monitor
Temperature Accuracy
Ambient Temp 0
°C to 85°C
± 1
± 3
°C
Temperature Resolution
0.125
°C
Two External Temperature Monitors
Temperature Accuracy
Remote Diode 40
°C to 80°C, Ambient Temp 15°C to 70°C
Remote Diode 0
°C to 125°C
± 1
± 3
°C
°C
Temperature Resolution
0.125
°C
Current Source
Low Level
High Level
10
170
µA
µA
ADC
Conversion Time for all three sensors
60
ms
Wake-up from STOP mode
(During one shot command or transition to RUN mode)
1ms
Resolution
11
bit
Differential Non Linearity
± 1LSB
Integral Non Linearity
± 1LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com