Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA3200DIA5AX Datasheet(PDF) 9 Page - Advanced Micro Devices

Part # ADA3200DIA5AX
Description  AMD Athlon??64 Processor Power and Thermal Data Sheet
PDF  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

ADA3200DIA5AX Datasheet(HTML) 9 Page - Advanced Micro Devices

Back Button ADA3200DIA5AX Datasheet HTML 5Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 6Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 7Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 8Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 9Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 10Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 11Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 12Page - Advanced Micro Devices ADA3200DIA5AX Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 95 page
background image
PID: 30430 Rev 3.51 March 2006
AMD Athlon™ 64 Processor Power and Thermal Data Sheet
9
AMD Athlon™ 64 Processor
Note: Refer to the AMD Functional Data
Sheet, 754 Pin Package, order #31410 or
AMD Functional Data Sheet, 939 Pin
Package, order #31411, as appropriate for
package drawings.
BX
Rev E6
Lidded
CF
Rev E6
D1
CG
Rev E4
D1
Table 3: AMD Athlon™ 64 Processor L2 Cache Size Options
OPN
Character
Cache Size
3256 KB
4512 KB
51 MB
Table 4: AMD Athlon™ 64 Processor Temperature Options
OPN
Character
Temperature
AVariable
O
69oC
P
70oC
K
65oC
Table 5: AMD Athlon™ 64 Processor Operating Voltage
OPN
Character
Operating
Voltage
AVariable
E1.50 V
I1.40 V
K1.35 V
Table 6: AMD Athlon™ 64 Processor Package Options
OPN
Character
Package
A
754 Pin Lidded O
μPGA
D
939 Pin Lidded O
μPGA
Table 2: AMD Athlon™ 64 Processor Part Definition Options (Continued)
Part
Definition
Revision
Package
Drawing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com