Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CCIPC63 Datasheet(PDF) 1 Page - CoolCox Limited All rights reserved.

Part # CCIPC63
Description  IPC COOLER CC-IPC63
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOLCOX [CoolCox Limited All rights reserved.]
Direct Link  http://www.coolcox.com/
Logo COOLCOX - CoolCox Limited All rights reserved.

CCIPC63 Datasheet(HTML) 1 Page - CoolCox Limited All rights reserved.

  CCIPC63 Datasheet HTML 1Page - CoolCox Limited All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
风扇材料
(Material):
扇叶
(Impeler):PBT
框
(Housing):PBT & SECC
引线
(
Lead wire):
UL1571 AWG #28 or equivalent
红色线正级
Red Wire Positive (+)
黑色线负级
Black Wire Negative (-)
绿色线
FG信号 Green Wire Signal (FG)
蓝色线
PWM功能 Blue Wire (PWM)
重量
(Weight):197g
风扇功能
(Fan Functions):FG+PWM
风扇轴承类型:液压轴承
(Fan bearing type:Hydraulic)
IPC COOLER CC-IPC63
http://www.coolcox.com
规格如有变动不另行通知
(Specifications are subjected to change without prior notice)
散热器材质:铝
(Heatsink:Aluminium)
以上为额定电压下的常规参数
(All readings are typical values at rated voltage)
噪音值为在无响室测试得到的结果,测试距离1米
(Noise is measured in anechoic chamber,one meter from intake side)
风扇功能可选择
(Function is optional)
尺寸图
(Dimension Drawing)
15.4±0.5
21.7±0.5
35.0
dB-A
Model
MM-H O
5V
4.5~5.5
CC-IPC63
Hydraulic
2.50
3,000±10%
6.94
11.50
0.50
噪音
风压
Noise Level
CFM
RPM
Watt
Amp
Static Pressure
风量
Air Flow
功率
Input Power
电流
Current
电压
Rated
电压范围
Operation
Voltage
Voltage
轴承类型
型号
Bearing
Type
转速
Speed
2
VDC
VDC
16.5±0.3
27.5±0.3
30.0±0.5
25.3±0.5
Thermal Grease
Thermal
Paster
风扇参数
(Fan Parameters)
一般规格
(General Specifications)
95.0±0.5
83.2±0.3
7.8±0.3
113.1±1.0


Similar Part No. - CCIPC63

ManufacturerPart #DatasheetDescription
logo
CoolCox Limited All rig...
CCIPC61A COOLCOX-CCIPC61A Datasheet
405Kb / 1P
IPC COOLER CC-IPC61A
CCIPC62 COOLCOX-CCIPC62 Datasheet
398Kb / 1P
IPC COOLER CC-IPC62
More results

Similar Description - CCIPC63

ManufacturerPart #DatasheetDescription
logo
CoolCox Limited All rig...
CCIPC191B COOLCOX-CCIPC191B Datasheet
352Kb / 1P
IPC COOLER CC-IPC191B
CCIPC20CD COOLCOX-CCIPC20CD Datasheet
366Kb / 1P
IPC COOLER CC-IPC20CD
CCIPC41A COOLCOX-CCIPC41A Datasheet
328Kb / 1P
IPC COOLER CC-IPC41A
CCIPC41C COOLCOX-CCIPC41C Datasheet
416Kb / 1P
IPC COOLER CC-IPC41C
CCIPC41H COOLCOX-CCIPC41H Datasheet
398Kb / 1P
IPC COOLER CC-IPC41H
CCIPC43 COOLCOX-CCIPC43 Datasheet
361Kb / 1P
IPC COOLER CC-IPC43
CCIPC43B COOLCOX-CCIPC43B Datasheet
400Kb / 1P
IPC COOLER CC-IPC43B
CCIPC61A COOLCOX-CCIPC61A Datasheet
405Kb / 1P
IPC COOLER CC-IPC61A
CCIPC62 COOLCOX-CCIPC62 Datasheet
398Kb / 1P
IPC COOLER CC-IPC62
CCIPCA3A COOLCOX-CCIPCA3A Datasheet
367Kb / 1P
IPC COOLER CC-IPCA3A
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com