Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M700000002 Datasheet(PDF) 14 Page - SPANSION

Part # M700000002
Description  2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M700000002 Datasheet(HTML) 14 Page - SPANSION

Back Button M700000002 Datasheet HTML 10Page - SPANSION M700000002 Datasheet HTML 11Page - SPANSION M700000002 Datasheet HTML 12Page - SPANSION M700000002 Datasheet HTML 13Page - SPANSION M700000002 Datasheet HTML 14Page - SPANSION M700000002 Datasheet HTML 15Page - SPANSION M700000002 Datasheet HTML 16Page - SPANSION M700000002 Datasheet HTML 17Page - SPANSION M700000002 Datasheet HTML 18Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 128 page
background image
12
Am70PDL127BDH/Am70PDL129BDH
November 25, 2003
AD VAN C E
INFORM ATION
ORDERING INFORMATION
The order number (Valid Combination) is formed by the following:
Valid Combinations
Valid Combinations list configurations planned to be supported in vol-
ume for this device. Consult the local AMD sales office to confirm
availability of specific valid combinations and to check on newly re-
leased combinations.
Am70PDL12
7
B
D
H
66
I
T
TAPE AND REEL
T
=
7 inches
S
=
13 inches
TEMPERATURE RANGE
I
=
Industrial (–40
°C to +85°C)
SPEED OPTION
See “Product Selector Guide” on page 5.
PROCESS TECHNOLOGY
H
=
0.13 µm (Am29PDL127H and Am29PDL129H)
128 Mb DATA STORAGE
(2 x Am29LV640M)
PSEUDO SRAM DEVICE DENSITY
B
=
32 Mbits
CONTROL PINS
7
=
1 CE Flash
9
=
2 CE Flash
AMD DEVICE NUMBER/DESCRIPTION
Am70PDL127BDH/Am70PDL129BDH
Stacked Multi-Chip Package (MCP) Flash Memory and pSRAM
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and
32 Mbit (2 M x 16-Bit) Pseudo Static RAM with Page Mode, and 128 Mb data storage.
Valid Combinations
Order Number
Package Marking
Am70PDL127BDH66I
T, S
M700000000
Am70PDL127BDH85I
T, S
M700000001
Am70PDL129BDH66I
T, S
M700000002
Am70PDL129BDH85I
T, S
M700000003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com