Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC55180 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HC55180
Description  Extended Reach Ringing SLIC Family
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HC55180 Datasheet(HTML) 2 Page - Intersil Corporation

  HC55180 Datasheet HTML 1Page - Intersil Corporation HC55180 Datasheet HTML 2Page - Intersil Corporation HC55180 Datasheet HTML 3Page - Intersil Corporation HC55180 Datasheet HTML 4Page - Intersil Corporation HC55180 Datasheet HTML 5Page - Intersil Corporation HC55180 Datasheet HTML 6Page - Intersil Corporation HC55180 Datasheet HTML 7Page - Intersil Corporation HC55180 Datasheet HTML 8Page - Intersil Corporation HC55180 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
Ordering Information (PLCC Package Only)
PART NUMBER
100V
85V
BAT
SW
POL
REV
FULL
TEST
LOOP
BACK
ONLY LB = 53dB LB = 58dB
TEMP.
RANGE
(°C)
PACKAGE
PKG.
DWG. #
HC55180DIM
••
•
•
-40 to 85
28 Ld PLCC
N28.45
HC55181DIM
••
•
•
•
-40 to 85
28 Ld PLCC
N28.45
HC55183ECMZ (Note)
75V
•
45dB
0 to 70
28 Ld PLCC (Pb-free) N28.45
HC55183ECMZ96 (Note)
75V
•
45dB
0 to 70
28 Ld PLCC (Pb-free) N28.45
HC55183ECM
75V
•
45dB
0 to 70
28 Ld PLCC
N28.45
HC55184ECM
75V
••
45dB
0 to 70
28 Ld PLCC
N28.45
HC55184ECMZ (Note)
75V
•
45dB
0 to 70
28 Ld PLCC (Pb-free) N28.45
HC55184ECMZR4749
(Note)
75V
•
45dB
0 to 70
28 Ld PLCC (Pb-free) N28.45
HC55184ECMZ96R4749
(Note)
75V
•
45dB
0 to 70
28 Ld PLCC (Pb-free) N28.45
HC5518XEVAL1
Evaluation board platform, including CODEC.
NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate
termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Device Operating Modes
OPERATING
MODE
F2
F1
F0
E0 = 1 E0 = 0
DESCRIPTION
HC55180
HC55181
HC55183
HC55184
Low Power Standby
0
0
0
SHD
GKD
MTU compliant standby mode with
active loop detector.
••
••
Forward Active
0
0
1
SHD
GKD
Forward battery loop feed.
••
••
Unused
0
1
0
n/a
n/a
This is a reserved internal test mode.
Reverse Active
0
1
1
SHD
GKD
Reverse battery loop feed.
••
•
Ringing
1
0
0
RTD
RTD
Balanced ringing mode supporting
both sinusoidal, trapezoidal and
ringing waveforms with DC offset.
••
••
Forward Loop Back
1
0
1
SHD
GKD
Internal device test mode.
••
Tip Open
1
1
0
SHD
GKD
Tip amplifier disabled and ring
amplifier enabled. Intended for PBX
type applications.
••
Power Denial
1
1
1
n/a
n/a
Device shutdown.
••
••
HC55180, HC55181, HC55183, HC55184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com