Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M750000005 Datasheet(PDF) 26 Page - SPANSION

Part # M750000005
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M750000005 Datasheet(HTML) 26 Page - SPANSION

Back Button M750000005 Datasheet HTML 22Page - SPANSION M750000005 Datasheet HTML 23Page - SPANSION M750000005 Datasheet HTML 24Page - SPANSION M750000005 Datasheet HTML 25Page - SPANSION M750000005 Datasheet HTML 26Page - SPANSION M750000005 Datasheet HTML 27Page - SPANSION M750000005 Datasheet HTML 28Page - SPANSION M750000005 Datasheet HTML 29Page - SPANSION M750000005 Datasheet HTML 30Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 129 page
background image
24
Am75PDL191CHHa/Am75PDL193CHHa
January 14, 2004
ADV ANCE
I N FO RMAT I O N
Bank
Sector
Sector Address (A22-A12)
Sector Size (Kwords)
Address Range (x16)
SA79
01001000XXX
32
240000h–247FFFh
SA80
01001001XXX
32
248000h–24FFFFh
SA81
01001010XXX
32
250000h–257FFFh
SA82
01001011XXX
32
258000h–25FFFFh
SA83
01001100XXX
32
260000h–267FFFh
SA84
01001101XXX
32
268000h–26FFFFh
SA85
01001110XXX
32
270000h–277FFFh
SA86
01001111XXX
32
278000h–27FFFFh
SA87
01010000XXX
32
280000h–287FFFh
SA88
01010001XXX
32
288000h–28FFFFh
SA89
01010010XXX
32
290000h–297FFFh
SA90
01010011XXX
32
298000h–29FFFFh
SA91
01010100XXX
32
2A0000h–2A7FFFh
SA92
01010101XXX
32
2A8000h–2AFFFFh
SA93
01010110XXX
32
2B0000h–2B7FFFh
SA94
01010111XXX
32
2B8000h–2BFFFFh
SA95
01011000XXX
32
2C0000h–2C7FFFh
SA96
01011001XXX
32
2C8000h–2CFFFFh
SA97
01011010XXX
32
2D0000h–2D7FFFh
SA98
01011011XXX
32
2D8000h–2DFFFFh
SA99
01011100XXX
32
2E0000h–2E7FFFh
SA100
01011101XXX
32
2E8000h–2EFFFFh
SA101
01011110XXX
32
2F0000h–2F7FFFh
SA102
01011111XXX
32
2F8000h–2FFFFFh
SA103
01100000XXX
32
300000h–307FFFh
SA104
01100001XXX
32
308000h–30FFFFh
SA105
01100010XXX
32
310000h–317FFFh
SA106
01100011XXX
32
318000h–31FFFFh
SA107
01100100XXX
32
320000h–327FFFh
SA108
01100101XXX
32
328000h–32FFFFh
SA109
01100110XXX
32
330000h–337FFFh
SA110
01100111XXX
32
338000h–33FFFFh
SA111
01101000XXX
32
340000h–347FFFh
SA112
01101001XXX
32
348000h–34FFFFh
SA113
01101010XXX
32
350000h–357FFFh
SA114
01101011XXX
32
358000h–35FFFFh
SA115
01101100XXX
32
360000h–367FFFh
SA116
01101101XXX
32
368000h–36FFFFh
SA117
01101110XXX
32
370000h–377FFFh
SA118
01101111XXX
32
378000h–37FFFFh
Table 6.
Am29PDL127H Sector Architecture (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com