Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M750000006 Datasheet(PDF) 34 Page - SPANSION

Part # M750000006
Description  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

M750000006 Datasheet(HTML) 34 Page - SPANSION

Back Button M750000006 Datasheet HTML 30Page - SPANSION M750000006 Datasheet HTML 31Page - SPANSION M750000006 Datasheet HTML 32Page - SPANSION M750000006 Datasheet HTML 33Page - SPANSION M750000006 Datasheet HTML 34Page - SPANSION M750000006 Datasheet HTML 35Page - SPANSION M750000006 Datasheet HTML 36Page - SPANSION M750000006 Datasheet HTML 37Page - SPANSION M750000006 Datasheet HTML 38Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 129 page
background image
32
Am75PDL191BHHa/Am75PDL193BHHa
February 6, 2004
ADV ANCE
I N FO RMAT I O N
Bank
Sector
CE#f1
CE#f2
Sector Address
(A21-A12)
Sector Size
(Kwords)
Address Range (x16)
SA1-96
0
1
1100000XXX
32
300000h–307FFFh
SA1-97
0
1
1100001XXX
32
308000h–30FFFFh
SA1-98
0
1
1100010XXX
32
310000h–317FFFh
SA1-99
0
1
1100011XXX
32
318000h–31FFFFh
SA1-100
0
1
1100100XXX
32
320000h–327FFFh
SA1-101
0
1
1100101XXX
32
328000h–32FFFFh
SA1-102
0
1
1100110XXX
32
330000h–337FFFh
SA1-103
0
1
1100111XXX
32
338000h–33FFFFh
SA1-104
0
1
1101000XXX
32
340000h–347FFFh
SA1-105
0
1
1101001XXX
32
348000h–34FFFFh
SA1-106
0
1
1101010XXX
32
350000h–357FFFh
SA1-107
0
1
1101011XXX
32
358000h–35FFFFh
SA1-108
0
1
1101100XXX
32
360000h–367FFFh
SA1-109
0
1
1101101XXX
32
368000h–36FFFFh
SA1-110
0
1
1101110XXX
32
370000h–377FFFh
SA1-111
0
1
1101111XXX
32
378000h–37FFFFh
SA1-112
0
1
1110000XXX
32
380000h–387FFFh
SA1-113
0
1
1110001XXX
32
388000h–38FFFFh
SA1-114
0
1
1110010XXX
32
390000h–397FFFh
SA1-115
0
1
1110011XXX
32
398000h–39FFFFh
SA1-116
0
1
1110100XXX
32
3A0000h–3A7FFFh
SA1-117
0
1
1110101XXX
32
3A8000h–3AFFFFh
SA1-118
0
1
1110110XXX
32
3B0000h–3B7FFFh
SA1-119
0
1
1110111XXX
32
3B8000h–3BFFFFh
SA1-120
0
1
1111000XXX
32
3C0000h–3C7FFFh
SA1-121
0
1
1111001XXX
32
3C8000h–3CFFFFh
SA1-122
0
1
1111010XXX
32
3D0000h–3D7FFFh
SA1-123
0
1
1111011XXX
32
3D8000h–3DFFFFh
SA1-124
0
1
1111100XXX
32
3E0000h–3E7FFFh
SA1-125
0
1
1111101XXX
32
3E8000h–3EFFFFh
SA1-126
0
1
1111110XXX
32
3F0000h–3F7FFFh
SA1-127
0
1
1111111000
4
3F8000h–3F8FFFh
SA1-128
0
1
1111111001
4
3F9000h–3F9FFFh
SA1-129
0
1
1111111010
4
3FA000h–3FAFFFh
SA1-130
0
1
1111111011
4
3FB000h–3FBFFFh
SA1-131
0
1
1111111100
4
3FC000h–3FCFFFh
SA1-132
0
1
1111111101
4
3FD000h–3FDFFFh
SA1-133
0
1
1111111110
4
3FE000h–3FEFFFh
SA1-134
0
1
1111111111
4
3FF000h–3FFFFFh
Table 7.
Am29PDL129H Sector Architecture (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com