Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F004B Datasheet(PDF) 31 Page - SPANSION

Part # AM29F004B
Description  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29F004B Datasheet(HTML) 31 Page - SPANSION

Back Button AM29F004B_06 Datasheet HTML 27Page - SPANSION AM29F004B_06 Datasheet HTML 28Page - SPANSION AM29F004B_06 Datasheet HTML 29Page - SPANSION AM29F004B_06 Datasheet HTML 30Page - SPANSION AM29F004B_06 Datasheet HTML 31Page - SPANSION AM29F004B_06 Datasheet HTML 32Page - SPANSION AM29F004B_06 Datasheet HTML 33Page - SPANSION AM29F004B_06 Datasheet HTML 34Page - SPANSION AM29F004B_06 Datasheet HTML 35Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
May 9, 2006 Am29F004B_00_E4
Am29F004B
29
D A TA
SH EE T
AC CHARACTERISTICS
Notes:
1.
To enable the command mode sector protection/unprotection
algorithm, the system must issue the command 24h in the sector
unlock sequence.
2.
For sector protection, a valid address consists of the sector
address with A6 = 0, A5 = 1, A1 = 1, A0 = 0. For sector
unprotection, a valid address consists of the sector address with
A6 = 1, A5 = 1, A1 = 1, A0 = 0.
Figure 18.
Sector Protect/Unprotect Timing Diagram
OE#
A18 – A0
D7 – D0
CE#
WE#
60h
XXXh
60h
Valid (Note 2)
Valid (Note 2)
40h
VID
Sector Relock sequence (two cycles)
Sector Unlock sequence (three cycles)
VSS
Array Data
VIH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com