Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F010B-45PC Datasheet(PDF) 5 Page - SPANSION

Part # AM29F010B-45PC
Description  1 Megabit (128 K x 8-bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

AM29F010B-45PC Datasheet(HTML) 5 Page - SPANSION

  AM29F010B-45PC Datasheet HTML 1Page - SPANSION AM29F010B-45PC Datasheet HTML 2Page - SPANSION AM29F010B-45PC Datasheet HTML 3Page - SPANSION AM29F010B-45PC Datasheet HTML 4Page - SPANSION AM29F010B-45PC Datasheet HTML 5Page - SPANSION AM29F010B-45PC Datasheet HTML 6Page - SPANSION AM29F010B-45PC Datasheet HTML 7Page - SPANSION AM29F010B-45PC Datasheet HTML 8Page - SPANSION AM29F010B-45PC Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
October 31, 2006 Am29F010B_00_C7
Am29F010B
3
D A TA
SH EE T
TABLE OF CONTENTS
General Description . . . . . . . . . . . . . . . . . . . . . . . . 2
Product Selector Guide . . . . . . . . . . . . . . . . . . . . . 4
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Connection Diagrams . . . . . . . . . . . . . . . . . . . . . . . 5
Pin Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Logic Symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 6
Standard Products .................................................................... 6
Device Bus Operations . . . . . . . . . . . . . . . . . . . . . . 7
Table 1. Am29F010B Device Bus Operations .................................7
Requirements for Reading Array Data ..................................... 7
Writing Commands/Command Sequences .............................. 7
Program and Erase Operation Status ...................................... 8
Standby Mode .......................................................................... 8
Output Disable Mode ................................................................ 8
Table 2. Am29F010B Sector Addresses Table .................................8
Autoselect Mode ....................................................................... 8
Table 3. Am29F010B Autoselect Codes (High Voltage Method) ......9
Sector Protection/Unprotection ................................................. 9
Hardware Data Protection ........................................................ 9
Command Definitions . . . . . . . . . . . . . . . . . . . . . . 10
Reading Array Data ................................................................ 10
Reset Command ..................................................................... 10
Autoselect Command Sequence ............................................ 10
Byte Program Command Sequence ....................................... 10
Figure 1. Program Operation ..........................................................11
Chip Erase Command Sequence ........................................... 11
Sector Erase Command Sequence ........................................ 11
Erase Suspend/Erase Resume Commands ........................... 12
Figure 2. Erase Operation ...............................................................12
Table 4. Am29F010B Command Definitions ...................................13
Write Operation Status . . . . . . . . . . . . . . . . . . . . . 14
DQ7: Data# Polling ................................................................. 14
Figure 3. Data# Polling Algorithm ...................................................14
DQ6: Toggle Bit I .................................................................... 14
Reading Toggle Bit DQ6 ......................................................... 15
Figure 4. Toggle Bit Algorithm ........................................................ 15
DQ5: Exceeded Timing Limits ................................................ 15
DQ3: Sector Erase Timer ....................................................... 16
Table 5. Write Operation Status ..................................................... 16
Absolute Maximum Ratings . . . . . . . . . . . . . . . . 17
Figure 5. Maximum Negative Overshoot Waveform ...................... 17
Figure 6. Maximum Positive Overshoot Waveform ........................ 17
Operating Ranges . . . . . . . . . . . . . . . . . . . . . . . . 17
DC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 18
Test Conditions . . . . . . . . . . . . . . . . . . . . . . . . . . 20
Figure 7. Test Setup ....................................................................... 20
Table 6. Test Specifications ........................................................... 20
Key to Switching Waveforms . . . . . . . . . . . . . . . 20
AC Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 21
Figure 8. Read Operations Timings ............................................... 21
Erase and Program Operations .............................................. 22
Figure 9. Program Operation Timings ............................................ 23
Figure 10. Chip/Sector Erase Operation Timings .......................... 23
Figure 11. Data# Polling Timings (During Embedded Algorithms) . 24
Figure 12. Toggle Bit Timings (During Embedded Algorithms) ...... 24
Erase and Program Operations .............................................. 25
Figure 13. Alternate CE# Controlled Write Operation Timings ...... 26
Erase and Programming Performance . . . . . . . 26
Latchup Characteristic . . . . . . . . . . . . . . . . . . . . 27
TSOP Pin Capacitance . . . . . . . . . . . . . . . . . . . . 27
PLCC and PDIP Pin Capacitance . . . . . . . . . . . . 27
Data Retention . . . . . . . . . . . . . . . . . . . . . . . . . . . 27
Physical Dimensions . . . . . . . . . . . . . . . . . . . . . . 28
PD 032—32-Pin Plastic DIP ................................................... 28
PL 032—32-Pin Plastic Leaded Chip Carrier ......................... 29
TS 032—32-Pin Standard Thin Small Outline Package ......... 30
Revision Summary . . . . . . . . . . . . . . . . . . . . . . . . 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com