Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KB Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # KB
Description  6KA Radial Lead Transient Voltage Suppressors (TVS)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

KB Datasheet(HTML) 2 Page - UN Semiconducctor INC

  KB Datasheet HTML 1Page - UN Semiconducctor INC KB Datasheet HTML 2Page - UN Semiconducctor INC KB Datasheet HTML 3Page - UN Semiconducctor INC KB Datasheet HTML 4Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Radial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
KB Series
6KA
2/3
Physical Specifications
Flow/Wave Soldering (Solder Dipping)
Weight
Case
Terminal
Contact manufacturer
Epoxy encapsulated
Silver plated leads, solderable per
MIL -STD-750, Method 2026
265°C
10 seconds
1 time
Peak Temperature :
Dipping Time :
Soldering :
Soldering Parameters
Ratings and Characteristic Curves (TA=25°C unless otherwise noted)
Pulse Derating Curve
Ramp up
TS(MAX)
TS(MIN)
Ramp down
Time
Reflow Profile
TP
TL
25
Critical Zone
TL to TP
TL
Time to peak temperature
(t 25℃ to peak)
Ts
Preheat
TP
pd-Lead–free assembly
150°C
200°C
60 -180 Seconds
3°C/second max
5°C/second max
217°C
60 -150 Seconds
260 +0/-5°C
20 - 40 Seconds
6°C/second max
8 minutes Max
280°C
Reflow Condition
Pre Heat
-Temperature Min (Ts(min))
-Temperature Max (Ts(max))
- Time (min to max) (TS)
Average ramp up rate ( Liquidus
Temp TL) to peak
TS(max) to TL - Ramp-up Rate
Reflow
- Temperature (TL) (Liquidus)
- Time (min to max) (TS)
Peak Temperature (TP)
Do not exceed
Time 25°C to peak Temperature (TP)
Time within 5°C of actual peak
Temperature (TP)
Ramp-down Rate
TA-Ambient temperature(°C)
0
25
50
75
100 125 150 175
0
20
40
60
80
100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com