Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P5000EB Datasheet(PDF) 5 Page - UN Semiconducctor INC

Part # P5000EB
Description  Thyristor Surge Suppressors (TSS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

P5000EB Datasheet(HTML) 5 Page - UN Semiconducctor INC

  P5000EB Datasheet HTML 1Page - UN Semiconducctor INC P5000EB Datasheet HTML 2Page - UN Semiconducctor INC P5000EB Datasheet HTML 3Page - UN Semiconducctor INC P5000EB Datasheet HTML 4Page - UN Semiconducctor INC P5000EB Datasheet HTML 5Page - UN Semiconducctor INC P5000EB Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Thyristor Surge Suppressors (TSS)
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
5/5
Part Numbering
ROHS
P0080EB - P5000EB Series - TO-92
Packaging
Dimensions TO-92
Pxxx0EB
Part Number
Description
TO-92 Bulk Pack
1000
Quantity
Dimensions
Inches
Millimeters
Min
Min
A
B
D
E
G
H
J
K
L
M
N
0.176
0.500
0.095
0.150
0.135
0.088
0.176
0.088
0.013
0.013
0.196
0.105
0.145
0.096
0.186
0.096
0.019
0.017
0.060
4.47
12.70
2.41
3.81
3.43
2.23
4.47
2.23
0.33
0.33
4.98
2.67
3.68
2.44
4.73
2.44
0.48
0.43
1.52
Max
Max
Part Marking
P XXX 0 E B
Type
Median Voltage
Construction Variable, 0: One chip
2: Two chip
E: ESD Protection
Packge Type,
IPP Rating
S:DO- 214AA(SMB)
T:DO- 214AC(SMA)
E:TO- 92
L:DO-15,DO- 27,D0- 41
Y: SMB- H
A: @10/700μs 2KV (50A)
B: @10/700μs 4KV (100A)
C: @10/700μs 6KV (150A)
D: @10/700μs 4KV (75A)
Part Marking Code
(Refer to Electrical Characteristics Table)
Date code
MT2/PIN3
MT1/PIN1
B
N
A
J
PXXXEB
XX
G
H
E
D
M
L
K
The T0-92 is designed to meet mechanical standards as set forth in
JEDEC publication number 95.
All leads are insulated from case. Case is electrically non-conductive.
(Rated at 1600 V(AC) RMS for one minute from leads to case over the
operating temperature range.)
Mold flash shall not exceed 0.13 mm per side.
@10/700μS,4KV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com