Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2000SA Datasheet(PDF) 2 Page - UN Semiconducctor INC

Part # P2000SA
Description  Thyristor Surge Suppressors (TSS)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC

P2000SA Datasheet(HTML) 2 Page - UN Semiconducctor INC

  P2000SA Datasheet HTML 1Page - UN Semiconducctor INC P2000SA Datasheet HTML 2Page - UN Semiconducctor INC P2000SA Datasheet HTML 3Page - UN Semiconducctor INC P2000SA Datasheet HTML 4Page - UN Semiconducctor INC P2000SA Datasheet HTML 5Page - UN Semiconducctor INC P2000SA Datasheet HTML 6Page - UN Semiconducctor INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Revision March 1,2022
www.unsemi.com.tw
For technical questions, contact: tech@unsemi.com.tw
ROHS
Thyristor Surge Suppressors (TSS)
DO-214AA(SMB) @10/700μS,2KV
Specifications are subject to change without notice.
Please refer to www.unsemi.com.tw for current information.
P0080SA - P5000SA Series
Electrical Characteristics
2/5
P0080SA
P0300SA
P0640SA
P0720SA
P0900SA
P1100SA
P1300SA
P1500SA
P1800SA
P2000SA
P2300SA
P2600SA
P3100SA
P3500SA
P3800SA
P4200SA
P4500SA
P5000SA
6
25
58
65
75
90
120
140
170
180
190
220
275
320
360
400
420
440
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
25
40
77
88
98
130
160
180
220
220
260
300
350
400
460
520
540
600
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
800
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
4
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
2.2
50
50
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
150
50
70
50
50
45
45
45
40
40
40
35
35
30
30
30
30
30
30
Part Number
P008A
P03A
P06A
P07A
P09A
P11A
P13A
P15A
P18A
P20A
P23A
P26A
P31A
P35A
P38A
P42A
P45A
P50A
Marking
pF Typ.
VDRM
@
IDRM=5μA
IDRM
VS
@100V/μS
IS
VT
@IT=2.2A
IT
CO
@1MHz
IH
V Min.
V Max.
V Max.
A Max.
μA Max.
mA Max.
mA Min.
Surge Ratings
Series
2/10μS¹
2/10μS²
A min
8/20μS¹
1.2/50μS²
A min
10/160μS¹
10/160μS²
A min
150
150
90
10/560μS¹
10/560μS²
A min
50
10/1000μS¹
10/1000μS²
A min
45
5/320μS¹
ITSM
50/60HZ
10/700μS²
di/dt
A min
A min
Amps/µs
max
50
20
500
A
Notes:
1. Current waveform in µs
2. Voltage waveform in µs
Notes:
- Absolute maximum ratings measured at TA= 25ºC (unless otherwise noted).
- Devices are bi-directional.
- Peak pulse current rating (IPP) is repetitive and guaranteed for the life of the product.
- IPP ratings applicable over temperature range of -40ºC to +85ºC
- The device must initially be in thermal equilibrium with -40°C < TJ < +150°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com