Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBM29F400TC Datasheet(PDF) 2 Page - SPANSION

Part # MBM29F400TC
Description  FLASH MEMORY CMOS 4M (512K x 8/256K x 16) BIT
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29F400TC Datasheet(HTML) 2 Page - SPANSION

  MBM29F400TC Datasheet HTML 1Page - SPANSION MBM29F400TC Datasheet HTML 2Page - SPANSION MBM29F400TC Datasheet HTML 3Page - SPANSION MBM29F400TC Datasheet HTML 4Page - SPANSION MBM29F400TC Datasheet HTML 5Page - SPANSION MBM29F400TC Datasheet HTML 6Page - SPANSION MBM29F400TC Datasheet HTML 7Page - SPANSION MBM29F400TC Datasheet HTML 8Page - SPANSION MBM29F400TC Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 48 page
background image
DS05-20851-6E
FUJITSU SEMICONDUCTOR
DATA SHEET
FLASH MEMORY
CMOS
4M (512K
× 8/256K × 16) BIT
MBM29F400TC-55/-70/-90/MBM29F400BC-55/-70/-90
s
s
s
s DESCRIPTION
The MBM29F400TC/BC is a 4M-bit, 5.0 V-only Flash memory organized as 512K bytes of 8 bits each or 256K
words of 16 bits each. The MBM29F400TC/BC is offered in a 48-pin TSOP and 44-pin SOP packages. This device
is designed to be programmed in-system with the standard system 5.0 V VCC supply. 12.0 V VPP is not required
for write or erase operations. The devices can also be reprogrammed in standard EPROM programmers. The
standard MBM29F400TC/BC offers access times 55 ns and 90 ns allowing operation of high-speed microproces-
sors without wait states. To eliminate bus contention the device has separate chip enable (CE), write enable (WE),
and output enable (OE) controls.
(Continued)
s
s
s
s PRODUCT LINE UP
s
s
s
s PACKAGES
Part No.
MBM29F400TC/MBM29F400BC
Ordering Part No.
VCC = 5.0 V ± 5 %
-55
—
—
VCC = 5.0 V ± 10 %
—
-70
-90
Max. Address Access Time (ns)
55
70
90
Max. CE Access Time (ns)
55
70
90
Max. OE Access Time (ns)
30
30
35
Marking Side
Marking Side
Marking Side
48-pin TSOP (1)
44-pin SOP
(FPT-48P-M20)
(FPT-44P-M16)
(FPT-48P-M19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com