Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CESD5V0D3 Datasheet(PDF) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # CESD5V0D3
Description  Designed to protect voltage sensitive electronic components from ESD and other transients. Excellent clamping capability, low leakage, and fast response time provide best in class protection on designs that are exposed to ESD.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

CESD5V0D3 Datasheet(HTML) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

  CESD5V0D3 Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. CESD5V0D3 Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. CESD5V0D3 Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. CESD5V0D3 Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. CESD5V0D3 Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
TYPICAL CHARACTERISTICS
01
23
45
90
100
110
120
130
140
150
03
69
12
15
3
6
9
12
15
400
500
600
700
800
900
1000
0.1
1
10
100
02
46
8
10
0
20
40
60
80
100
T
a=25
f=1MHz
Capacitance Characteristics
T
a=25
tp=8/20us
V
C
----
I
PP
REVERSE PEAK PULSE CURRENT I
PP (A)
Pulsed
FORWARD VOLTAGE
V
F
(V)
Forward Characteristics
REVERSE VOLTAGE V
R
(V)
T
a=25
T
a=100
Pulsed
Reverse Characteristics
REVERSE VOLTAGE V
R
(V)
UMW
R
CESD5V0D3
www.umw-ic.com
4
UTD Semiconductor Co.,Limited



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com