Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS-12048-208 Datasheet(PDF) 1 Page - CUI Devices

Part # CSS-12048-208
Description  SPEAKER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CSS-12048-208 Datasheet(HTML) 1 Page - CUI Devices

  CSS-12048-208 Datasheet HTML 1Page - CUI Devices CSS-12048-208 Datasheet HTML 2Page - CUI Devices CSS-12048-208 Datasheet HTML 3Page - CUI Devices CSS-12048-208 Datasheet HTML 4Page - CUI Devices CSS-12048-208 Datasheet HTML 5Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
date 08/05/2022
page 1 of 5
MODEL: CSS-12048-208 | DESCRIPTION: SPEAKER
cuidevices.com
FEATURES
• 10 W rated power
• 8 ohm rated impedance
• 90 dB at 1 W
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
input power
10.0
15.0
W
impedance
at 1.0 kHz, 1.0 V
6.8
8
9.2
Ω
resonant frequency (Fo)
at 1.0 V
80
100
120
Hz
frequency response
Fo
20,000
Hz
sound pressure level
at 1.0 W, 50 cm, at 1.0 kHz in baffleboard
at 10.0 W, 50 cm, at 1.0 kHz in baffleboard
87
96
90
99
93
102
dB
dB
distortion
at 1.0 kHz, 1 W, 50 cm
8
%
buzz, rattle, etc.
must be normal at sine wave, frequency range between
Fo~10 kHz
12.60
V
polarity
cone moves forward w/ positive dc current to “+” terminal
dimensions
Ø119 x 47.5
mm
magnet
ferrite
frame material
SPCC
cone material
paper
terminal
solder terminals
weight
265
290
315
g
operating temperature
-20
60
°C
storage temperature
-25
70
°C
hand soldering
for maximum 3 seconds
380
°C
RoHS
yes
Notes:
1. All specifications measured at 15~35°C, humidity at 45~85%, under 86~106 kPa pressure, unless otherwise noted.
Additional Resources: Product Page | 3D Model


Similar Part No. - CSS-12048-208

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CSS-1200MB COPAL-CSS-1200MB Datasheet
1Mb / 5P
COMPACT SLIDE SWITCHES
CSS-1200MC COPAL-CSS-1200MC Datasheet
1Mb / 5P
COMPACT SLIDE SWITCHES
CSS-1200TB COPAL-CSS-1200TB Datasheet
1Mb / 5P
COMPACT SLIDE SWITCHES
CSS-1200TC COPAL-CSS-1200TC Datasheet
1Mb / 5P
COMPACT SLIDE SWITCHES
CSS-1201MB COPAL-CSS-1201MB Datasheet
1Mb / 5P
COMPACT SLIDE SWITCHES
More results

Similar Description - CSS-12048-208

ManufacturerPart #DatasheetDescription
logo
CUI INC
CMS0361KLX CUI-CMS0361KLX Datasheet
224Kb / 2P
speaker
logo
Projects Unlimited, Inc...
ADS02908MR-R PUI-ADS02908MR-R Datasheet
290Kb / 1P
Speaker
AS01708MR-SC-R PUI-AS01708MR-SC-R Datasheet
243Kb / 1P
Speaker
AS01808MR-R PUI-AS01808MR-R Datasheet
251Kb / 1P
Speaker
AS02508CO-2-WR-R PUI-AS02508CO-2-WR-R Datasheet
278Kb / 1P
Speaker
AS02804MR-R PUI-AS02804MR-R Datasheet
265Kb / 1P
Speaker
AS03008MR-R PUI-AS03008MR-R Datasheet
313Kb / 1P
Speaker
AS03508CO-7-R PUI-AS03508CO-7-R Datasheet
235Kb / 1P
Speaker
logo
Canopus Electronics (H....
CLS2811 CANOPUS-CLS2811 Datasheet
784Kb / 1P
Loud Speaker & Notebook Speaker
logo
Bel Fuse Inc.
CLS0201MA-L152 BEL-CLS0201MA-L152 Datasheet
186Kb / 2P
SPEAKER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com