Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EUV-052S024ST Datasheet(PDF) 2 Page - Inventronics Inc.

Part # EUV-052S024ST
Description  52W Constant Voltage IP67 Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INVENTRONICS [Inventronics Inc.]
Direct Link  https://www.inventronics-co.com/
Logo INVENTRONICS - Inventronics Inc.

EUV-052S024ST Datasheet(HTML) 2 Page - Inventronics Inc.

  EUV-052S024ST Datasheet HTML 1Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 2Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 3Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 4Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 5Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 6Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 7Page - Inventronics Inc. EUV-052S024ST Datasheet HTML 8Page - Inventronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Specifications are subject to changes without notice.
All specifications are typical at 25
C unless otherwise stated.
2 / 8
52W Constant Voltage IP67 Driver
EUV-052SxxxST
Rev. K
www.inventronics-co.com
Tel: 86-571-56565800
Fax: 86-571-86601139
sales@inventronics-co.com
Input Specifications (Continued)
Parameter
Min.
Typ.
Max.
Notes
Power Factor
0.90
-
-
At 100-277Vac, 50-60Hz, 75%-100%
Load (39-52W)
THD
-
-
20%
Output Specifications
Parameter
Min.
Typ.
Max.
Notes
Output Voltage Tolerance
-5%Vo
5%Vo
Output Voltage Ripple(pk-pk)
Vo = 24 V
Vo = 36 V
Vo = 48 V
-
-
-
-
-
-
3 V
4 V
4 V
Load conditions, Measured by 20 MHz
bandwidth oscilloscope and the output
paralleled a 0.1 uF ceramic capacitor
and a 10 uF electrolytic capacitor.
No Load Output Voltage
Vo = 24 V
Vo = 36 V
Vo = 48 V
-
-
-
-
-
-
28V
40V
52V
Output Voltage Overshoot/
Undershoot
-
-
10%Vo
At 100% load condition.
Line Regulation
-
-
±2%
At 100% load condition.
Load Regulation
-
-
±3%
Turn-on Delay Time
-
0.6 s
1.0 s
Measured at 120Vac input,
75%-100% load
-
0.3 s
0.5 s
Measured at 220Vac input,
75%-100% load
Temperature Coefficient of Vo
-
0.2%/
C
-
Case temperature = 0
C ~Tc max
General Specifications
Parameter
Min.
Typ.
Max.
Notes
Efficiency at 120 Vac input:
VO = 24 V
VO = 36 V
VO = 48 V
82.0%
83.0%
84.0%
84.0%
85.0%
86.0%
-
-
-
Measured at 100% load, 120 Vac
input, 25℃ ambient temperature, after
the unit is thermally stabilized.
It will be about 2.5% lower, if
measured immediately after startup.
Efficiency at 220 Vac input:
VO = 24 V
VO = 36 V
VO = 48 V
84.0%
84.0%
86.0%
86.0%
86.0%
88.0%
-
-
-
Measured at 100% load, 120 Vac
input, 25℃ ambient temperature, after
the unit is thermally stabilized.
It will be about 2.5% lower, if
measured immediately after startup.
Efficiency at 277 Vac input:
VO = 24 V
VO = 36 V
VO = 48 V
83.5%
84.0%
86.0%
85.5%
86.0%
88.0%
-
-
-
Measured at 100% load, 120 Vac
input, 25℃ ambient temperature, after
the unit is thermally stabilized.
It will be about 2.5% lower, if
measured immediately after startup.
No Load Power Dissipation
-
-
6 W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com