Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV99 Datasheet(PDF) 1 Page - RFE international

Part # BAV99
Description  Dual Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

BAV99 Datasheet(HTML) 1 Page - RFE international

  BAV99 Datasheet HTML 1Page - RFE international BAV99 Datasheet HTML 2Page - RFE international BAV99 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Epoxy meets UL-94 V-0 flammability rating
Moisure Sensitivity Level 1
Fast switching speed
High Conductance
Surface mount package ideally Suited for Automatic
Insertion
Package: SOT-23
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Polarity: Cathode line denotes the cathode end
Marking: A7
Item
Symbol
Unit
Value
Peak Reverse Voltage
VRRM
V
100
Reverse Voltage
VR
V
75
Forward Continuous Current@f>=50Hz, Per Leg
IF
mA
200
Non-Repetitive Peak Forward Surge Current
@8.3ms, Half sine-wave, Per Leg
IFSM
A
2.0
Power Dissipation
PD
mW
350
Maximum Thermal Resisance
RthJA
/W
357
Operating Junction Temperature
TJ
Storage Temperature
TSTG
-55 to +150
Dual Switching Diodes
BAV99
SOT-23
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS (Ta=25 Unless otherwise specified
ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified
Item
Symbol
Unit
Conditions
Value
Reverse Voltage
VR
V
IR=100uA
75
Forward Voltage
VF
V
IF=1mA
0.715
IF=10mA
0.855
IF=50mA
1.00
IF=150mA
1.25
Maximum DC Reverse Current
IR
uA
VR=75V
2.5
Typical Junction Capacitance
CJ
pF
f=1.0MHz, VR=0V
4
Reverse Recovery Time
Trr
ns
IF=10mA, VR=6V, RL=100 ,
Irr=1mA
4
08-MAY-2023
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
SOT-23
BAV99 polarity
2
1
3
-55 to +150


Similar Part No. - BAV99

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV99 PANJIT-BAV99 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV99 PHILIPS-BAV99 Datasheet
56Kb / 12P
High-speed double diode
1999 May 11
logo
Vishay Siliconix
BAV99 VISHAY-BAV99 Datasheet
53Kb / 4P
Dual Surface Mount Switching Diode
06-Aug-99
logo
Won-Top Electronics
BAV99 WTE-BAV99 Datasheet
46Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Zowie Technology Corpor...
BAV99 ZOWIE-BAV99 Datasheet
51Kb / 2P
DUAL SERIES SWITCHING DIODE
More results

Similar Description - BAV99

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAV70WT1 LRC-BAV70WT1 Datasheet
66Kb / 3P
Dual Switching Diodes
logo
SEMTECH ELECTRONICS LTD...
MMBD2835 SEMTECH_ELEC-MMBD2835 Datasheet
145Kb / 2P
Dual Switching Diodes
logo
Leshan Radio Company
LBAV70WT1G LRC-LBAV70WT1G_15 Datasheet
78Kb / 4P
Dual Switching Diodes
LBAW56WT1G LRC-LBAW56WT1G_15 Datasheet
181Kb / 3P
Dual Switching Diodes
logo
Yea Shin Technology Co....
BAV70W YEASHIN-BAV70W Datasheet
661Kb / 3P
Dual Switching Diodes
BAW56W YEASHIN-BAW56W Datasheet
685Kb / 3P
Dual Switching Diodes
logo
First Silicon Co., Ltd
FDS70U FS-FDS70U Datasheet
244Kb / 4P
Dual Switching Diodes
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
logo
RFE international
BAV99WT RFE-BAV99WT Datasheet
1Mb / 3P
Dual Switching Diodes
27-01-2022
BAW56 RFE-BAW56 Datasheet
1Mb / 3P
Dual Switching Diodes
27-01-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com