Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAW56 Datasheet(PDF) 1 Page - RFE international

Part # BAW56
Description  Dual Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

BAW56 Datasheet(HTML) 1 Page - RFE international

  BAW56 Datasheet HTML 1Page - RFE international BAW56 Datasheet HTML 2Page - RFE international BAW56 Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Epoxy meets UL-94 V-0 flammability rating
Moisture Sensitivity Level 1
Fast switching speed
High Conductance
Surface mount package ideally Suited for Automatic
Insertion
Package: SOT-23
Molding compound meets UL 94 V-0 flammability rating,
RoHS-compliant, halogen-free
Terminals: Tin plated leads, solderable per
J-STD-002 and JESD22-B102
Marking:A1
Item
Symbol
Unit
Value
V
e
g
a
tl
o
V
e
s
r
e
v
e
R
R
0
0
1
V
I
t
n
e
rr
u
C
s
u
o
u
n
it
n
o
C
d
r
a
w
r
o
F
FAV
0
0
2
A
m
Non-Repetitive Peak Forward Surge Current
@8.3ms, Half sine-wave, Per Leg
IFSM
0
.
2
A
P
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
D
0
5
3
W
m
Thermal Resistance Junction to Ambient Air
RthJA
/W
357
T
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
J
-55 to +150
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
STG
-55 to +150
Dual Switching Diodes
BAW56
SOT-23
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS (Ta=25 Unless otherwise specified
Item
Symbol
Unit
Conditions
Value
V
e
g
a
tl
o
V
e
s
r
e
v
e
R
R
0
0
1
A
u
0
0
1
=
R
I
V
Maximum Instantaneous Forward Voltage
VF
V
IF=10mA, Ta=25
0.855
IF=150mA, Ta=25
1.25
I
t
n
e
rr
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
R
uA
VR
5
.
2
V
5
7
=
C
e
c
n
a
ti
c
a
p
a
C
n
o
it
c
n
u
J
l
a
c
i
p
y
T
J
pF
f=1.0MHz, VR
4
V
0
=
T
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
rr
ns
IF=10mA, VR=6V, RL=100 ,
Irr=1mA
4
ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified
S-S279
27-01-2022
Page 1 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com


Similar Part No. - BAW56

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAW56 PANJIT-BAW56 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAW56 PHILIPS-BAW56 Datasheet
56Kb / 12P
High-speed double diode
1999 May 11
logo
Vishay Siliconix
BAW56 VISHAY-BAW56 Datasheet
53Kb / 4P
Dual Surface Mount Switching Diode
17-Mar-99
logo
Transys Electronics
BAW56 TRSYS-BAW56 Datasheet
199Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAW56 WTE-BAW56 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAW56

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAV70WT1 LRC-BAV70WT1 Datasheet
66Kb / 3P
Dual Switching Diodes
logo
SEMTECH ELECTRONICS LTD...
MMBD2835 SEMTECH_ELEC-MMBD2835 Datasheet
145Kb / 2P
Dual Switching Diodes
logo
Leshan Radio Company
LBAV70WT1G LRC-LBAV70WT1G_15 Datasheet
78Kb / 4P
Dual Switching Diodes
LBAW56WT1G LRC-LBAW56WT1G_15 Datasheet
181Kb / 3P
Dual Switching Diodes
logo
Yea Shin Technology Co....
BAV70W YEASHIN-BAV70W Datasheet
661Kb / 3P
Dual Switching Diodes
BAW56W YEASHIN-BAW56W Datasheet
685Kb / 3P
Dual Switching Diodes
logo
First Silicon Co., Ltd
FDS70U FS-FDS70U Datasheet
244Kb / 4P
Dual Switching Diodes
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
logo
RFE international
BAV99 RFE-BAV99 Datasheet
832Kb / 3P
Dual Switching Diodes
08-MAY-2023
BAV99WT RFE-BAV99WT Datasheet
1Mb / 3P
Dual Switching Diodes
27-01-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com