Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP6502 Datasheet(PDF) 12 Page - Intersil Corporation

Part # HIP6502
Description  Multiple Linear Power Controller with ACPI Control Interface
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6502 Datasheet(HTML) 12 Page - Intersil Corporation

Back Button HIP6502 Datasheet HTML 6Page - Intersil Corporation HIP6502 Datasheet HTML 7Page - Intersil Corporation HIP6502 Datasheet HTML 8Page - Intersil Corporation HIP6502 Datasheet HTML 9Page - Intersil Corporation HIP6502 Datasheet HTML 10Page - Intersil Corporation HIP6502 Datasheet HTML 11Page - Intersil Corporation HIP6502 Datasheet HTML 12Page - Intersil Corporation HIP6502 Datasheet HTML 13Page - Intersil Corporation HIP6502 Datasheet HTML 14Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
4-12
result a brisk transfer of energy from the input capacitors to
the supplied outputs. At the transition between active and
sleep states, this phenomena could result in the 5VSB
voltage dropping below the POR level (typically 4.1V) and
temporarily disabling the HIP6502. The solution to a
potential problem such as this is using larger input
capacitors with a lower total combined ESR.
Transistor Selection/Considerations
The HIP6502 usually requires one P-Channel (or bipolar
PNP), three N-Channel MOSFETs and two bipolar NPN
transistors.
One important criteria for selection of transistors for all the
linear regulators/switching elements is package selection for
efficient removal of heat. The power dissipated in a linear
regulator/switching element is
Select a package and heatsink that maintains the junction
temperature below the rating with the maximum expected
ambient temperature.
Q1
The active element on the 2.5VMEM output has to be a
bipolar NPN capable of conducting the maximum active
memory current and exhibit a current gain (hfe) of minimum
40 at this current and 0.7V VCE.
Q2
The NPN transistor used as sleep state pass element (Q2)
on the 3.3VDUAL output has to have a minimum current gain
of 100 at 1.5V VCE and 500mA ICE throughout the in-circuit
operating temperature range.
Q3, 4, 6
The three N-Channel MOSFETs are used to switch the 3.3V
and 5V inputs provided by the ATX supply into the 3.3VMEM,
3.3VDUAL/3.3VSB, and 5VDUAL outputs, while in active (S0,
S1) state. The main criteria for the selection of these
transistors is output voltage budgeting. The maximum
rDS(ON) allowed at highest junction temperature can be
expressed with the following equation:
, where
VINmin - minimum input voltage
VOUTmin - minimum output voltage allowed
IOUTmax - maximum output current
The gate bias available for these MOSFETs is of the order of
8V.
Q5
If a P-Channel MOSFET is used to switch the 5VSB output
of the ATX supply into the 5VDUAL output during S3 and S5
states (as dictated by EN5VDL status), then the selection
criteria of this device is proper voltage budgeting. The
maximum rDS(ON), however, has to be achieved with only
4.5V of VGS, so a logic level MOSFET needs to be selected.
If a PNP device is chosen to perform this function, it has to
have a low saturation voltage while providing the maximum
sleep current and have a current gain sufficiently high to be
saturated using the minimum drive current (typically 20mA).
PLINEAR
IO VIN VOUT
–
()
×
=
rDS ON
()max
VINmin VOUTmin
–
IOUTmax
---------------------------------------------------
=
HIP6502



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com