Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMG Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # HTMG
Description  Mica-Glass Insulated Ultra High Temperature Heater Hook-Up Wire
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

HTMG Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  HTMG Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
To Order
Nominal OD
Approx Wt
Gage
Model No.
Stranded
Volts
mm (inch)
kg/300 m (lb/1000')
22
HTMG-1CU-322S/C
-
*
300
2.0 (0.08)
2.5 (5.5)
22
HTMG-1CU-622S/C
-
*
600
2.6 (0.10)
3.2 (7.0)
20
HTMG-1CU-320S/C
-
*
300
2.1 (0.08)
3.2 (7.0)
20
HTMG-1CU-620S/C
-
*
600
2.8 (0.11)
4.1 (9.0)
18
HTMG-1CU-318S/C
-
*
300
2.4 (0.10)
4.3 (9.5)
18
HTMG-1CU-618S/C
-
*
600
3.0 (0.12)
5.2 (11.5)
16
HTMG-1CU-316S/C
-
*
300
2.7 (0.11)
5.9 (13.0)
16
HTMG-1CU-616S/C
-
*
600
3.3 (0.13)
6.8 (15.0)
14
HTMG-1CU-314S/C
-
*
300
3.0 (0.12)
8.4 (18.5)
14
HTMG-1CU-614S/C
-
*
600
3.7 (0.14)
9.5 (21.0)
12
HTMG-1CU-312S/C
-
*
300
3.5 (0.14)
12.2 (27.0)
12
HTMG-1CU-612S/C
-
*
600
4.1 (0.16)
13.4 (29.5)
10
HTMG-1CU-310S/C
-
*
300
5.1 (0.20)
21.1 (46.5)
10
HTMG-1CU-610S/C
-
*
600
5.7 (0.22)
22.9 (50.5)
8
HTMG-1CU-308S/C
-
*
300
6.0 (0.23)
31.8 (70.0)
8
HTMG-1CU-608S/C
-
*
600
6.1 (0.26)
34.2 (75.5)
Standard Color: Natural (tan).
*Specify spool length in feet : 25ft (7.6m), 50ft (15.2m), 100ft (30.4m), 250ft (76.2m), 500ft (152m), 1000ft (304m)
Ordering Example: HTMG-1CU-322S/C
-100, a 100' spool of 22 gage stranded wire.
See heater hook-up wire introduction for current carrying capacity and derating.
7 x 30
7 x 30
10 x 30
10 x 30
16 x 30
16 x 30
26 x 30
26 x 30
41 x 30
41 x 30
65 x 30
65 x 30
105 x 30
105 x 30
133 x 29
133 x 29
Mica-Glass Insulated
Ultra High Temperature Heater
Hook-Up Wire
Mica Tapes
Treated Glass Braid
Stranded 27%
Nickel-Coated Copper
Conductor
U
450°C (842°F)
Temperature Rating
U
CSA Certified, NRTL
and UL Listed
U
Single Stranded 27%
Nickel Coated Copper
Conductor
U
Mica Tape Insulation
with Treated Glass
Overbraid
HTMG high-temperature lead wires are
designed for appliances and industrial
heating products—such as commercial
food service equipment, heaters,
heat treating furnaces, kilns, heater
elements and other applications
up to 450°C (842°F).
HTMG Series


Similar Part No. - HTMG

ManufacturerPart #DatasheetDescription
logo
Humirel
HTM1505 HUMIREL-HTM1505 Datasheet
198Kb / 4P
RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTM1735 HUMIREL-HTM1735 Datasheet
1Mb / 5P
ANALOG VOLTAGE RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTM1735SMD HUMIREL-HTM1735SMD Datasheet
1Mb / 5P
ANALOG VOLTAGE RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTM1735SR HUMIREL-HTM1735SR Datasheet
1Mb / 5P
ANALOG VOLTAGE RELATIVE HUMIDITY AND TEMPERATURE MODULE
HTM1735STD HUMIREL-HTM1735STD Datasheet
1Mb / 5P
ANALOG VOLTAGE RELATIVE HUMIDITY AND TEMPERATURE MODULE
More results

Similar Description - HTMG

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C2015A GENERAL-C2015A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2016A GENERAL-C2016A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2040A GENERAL-C2040A Datasheet
58Kb / 1P
HOOK UP WIRE
C2053A GENERAL-C2053A Datasheet
73Kb / 1P
HOOK-UP WIRE
C2101A GENERAL-C2101A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2103A GENERAL-C2103A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2106A GENERAL-C2106A Datasheet
80Kb / 1P
HOOK-UP WIRE
logo
Omega Engineering, Inc.
HTGG-1NI OMEGA-HTGG-1NI Datasheet
284Kb / 1P
Glass Insulated High Temperature Heater Hook-Up Wire
HTRG-1CU OMEGA-HTRG-1CU Datasheet
211Kb / 1P
Silicone Rubber Insulated High Temperature Heater Hook-Up Wire
HTTG-1CU OMEGA-HTTG-1CU Datasheet
218Kb / 1P
PFA Glass Insulated High Temperature Heater Hook-Up Wire
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com