Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTTG-1CU Datasheet(PDF) 1 Page - Omega Engineering, Inc.

Part # HTTG-1CU
Description  PFA Glass Insulated High Temperature Heater Hook-Up Wire
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

HTTG-1CU Datasheet(HTML) 1 Page - Omega Engineering, Inc.

  HTTG-1CU Datasheet HTML 1Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
U
250°C (482°F) Temperature Rating
U
UL & CSA Certified*
U
Single Stranded 7% Nickel-Plated
Copper Conductor
U
PFA Tape and Glass Insulation
with PFA Treated Glass Overbraid
U
Two Glass Sleevings
HTTG high-temperature lead wires are ideal for appliances,
consumer and commercial heating and cooling equipment,
ovens, kilns, band, strip and cartridge heaters, and similar
applications up to 250°C (482°F).
HTTG has excellent stripping and cutting capabilities, making
it ideal for high-volume manufacturing and assembly. The
tough treated glass braid and servings permit the product to
withstand repeated flexing and severe mechanical abuse.
HTTG is moisture resistant, chemically inert and
manufactured of heat-stable materials.
* Note: HTTG wire carries both UL listing and CSA certification. Standard Color: natural (tan).
Ordering Examples: HTTG-1CU-614S
-250, 250' spool of 14 gage stranded wire.
HTTG-1CU-616S
-100, 100' spool of 16 gage stranded wire.
See heater hook-up wire introduction for current carrying capacity and derating.
* *Specify spool length in feet : 25ft (7.6m), 50ft (15.2m), 100ft (30.4m), 250ft (76.2m), 500ft (152m), 1000ft (304m)
PFA Glass Insulated High
Temperature Heater Hook-Up Wire
CAUTION AND WARNING!
Fire and electrical shock may
result if products are used improperly or
installed or used by nonqualified personnel.
HTTG Series
Two Glass
Sleeves
7% Nickel
Plated Copper
Conductor
PFA Tape
Treated
Glass Braid
To Order
Nominal OD
Approx Wt
Gage
Model No.
Stranded
Volts
mm (inch)
kg/300 m (lb/1000' ft)
22
HTTG-1CU-322S
-**
300
2.0 (0.08)
3.4 (7.5)
7 x 30
20
HTTG-1CU-320S
-**
300
2.1 (0.08)
4.1 (9.0)
20
HTTG-1CU-620S
-**
7 x.0121
600
2.6 (0.10)
4.5 (10.0)
18
HTTG-1CU-318S
-**
300
2.3 (0.09)
5.0 (11.0)
18
HTTG-1CU-618S
-**
19 x.0092
600
2.7 (0.11)
5.7 (12.5)
16
HTTG-1CU-316S
-**
300
2.7 (0.11)
7.5 (16.5)
16
HTTG-1CU-616S
-**
26 x 30
600
3.1 (0.12)
7.7 (17.0)
14
HTTG-1CU-314S
-**
300
3.1 (0.12)
10.2 (22.5)
14
HTTG-1CU-614S
-**
41 x 30
600
3.4 (0.14)
10.7 (23.5)
12
HTTG-1CU-312S
-**
300
3.5 (0.14)
14.5 (32.0)
12
HTTG-1CU-612S
-**
65 x 30
600
3.9 (0.15)
15.0 (33.0)
10
HTTG-1CU-310S
-**
300
4.5 (0.18)
21.50 (47.5)
10
HTTG-1CU-610S
-**
105 x 30
600
4.9 (0.19)
22.0 (48.5)
8
HTTG-1CU-608S
-**
133 x 29
600
5.8 (0.23)
32.9 (72.5)
7 x 30
10 x 30
16 x 30
26 x 30
41 x 30
65 x 30
105 x 30
133 x 29


Similar Part No. - HTTG-1CU

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HTT1115E RENESAS-HTT1115E Datasheet
291Kb / 9P
Silicon NPN Epitaxial Twin Transistor
HTT1115EFTL-E RENESAS-HTT1115EFTL-E Datasheet
291Kb / 9P
Silicon NPN Epitaxial Twin Transistor
logo
Hitachi Semiconductor
HTT1115S HITACHI-HTT1115S Datasheet
70Kb / 10P
SILICON NPN EPITAXIAL TWIN TRANSISTOR
logo
Renesas Technology Corp
HTT1127E RENESAS-HTT1127E Datasheet
284Kb / 9P
Silicon NPN Epitaxial Twin Transistor
HTT1127ERTL-E RENESAS-HTT1127ERTL-E Datasheet
284Kb / 9P
Silicon NPN Epitaxial Twin Transistor
More results

Similar Description - HTTG-1CU

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C2015A GENERAL-C2015A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2016A GENERAL-C2016A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2040A GENERAL-C2040A Datasheet
58Kb / 1P
HOOK UP WIRE
C2053A GENERAL-C2053A Datasheet
73Kb / 1P
HOOK-UP WIRE
C2101A GENERAL-C2101A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2103A GENERAL-C2103A Datasheet
80Kb / 1P
HOOK-UP WIRE
C2106A GENERAL-C2106A Datasheet
80Kb / 1P
HOOK-UP WIRE
logo
Omega Engineering, Inc.
HTGG-1NI OMEGA-HTGG-1NI Datasheet
284Kb / 1P
Glass Insulated High Temperature Heater Hook-Up Wire
HTMG OMEGA-HTMG Datasheet
150Kb / 1P
Mica-Glass Insulated Ultra High Temperature Heater Hook-Up Wire
HTRG-1CU OMEGA-HTRG-1CU Datasheet
211Kb / 1P
Silicone Rubber Insulated High Temperature Heater Hook-Up Wire
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com