Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OSW Datasheet(PDF) 2 Page - Omega Engineering, Inc.

Part # OSW
Description  Rotary Selector Switches For Thermocouple, RTD and Thermistor Circuits
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMEGA [Omega Engineering, Inc.]
Direct Link  https://www.omega.com/en-us/
Logo OMEGA - Omega Engineering, Inc.

OSW Datasheet(HTML) 2 Page - Omega Engineering, Inc.

  OSW Datasheet HTML 1Page - Omega Engineering, Inc. OSW Datasheet HTML 2Page - Omega Engineering, Inc. OSW Datasheet HTML 3Page - Omega Engineering, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
To Order
Silver Plated
Gold Plated
No. of
No. of
Contact
Contacts
Contacts
Poles Positions Action
Size
Model No.
Model No.
2
OSW3-2
OSWG3-2
3
OSW3-3
OSWG3-3
4
Break
OSW3-4
OSWG3-4
5
Before
OSW3-5
OSWG3-5
6
Make
OSW3-6
OSWG3-6
8
OSW3-8
OSWG3-8
9
OSW3-9
OSWG3-9
10
OSW3-10
OSWG3-10
12
OSW3-12
OSWG3-12
14
OSW3-14
OSWG3-14
16
76 mm
OSW3-16
OSWG3-16
18
(3”)
OSW3-18
OSWG3-18
20
Make
OSW3-20
OSWG3-20
24
Before
OSW5-24
OSWG5-24
28
Break
OSW5-28
OSWG5-28
30
127mm
OSW5-30
OSWG5-30
includes
32
(5”)
OSW5-32
OSWG5-32
“off”
36
OSW5-36
OSWG5-36
40
OSW5-40
OSWG5-40
6
OSWT-6
OSWGT-6
10
OSWT-10
OSWGT-10
12
OSWT-12
OSWGT-12
18
OSWT-18
OSWGT-18
20
Make
127mm
OSWT-20
OSWGT-20
24
Before
(5”)
OSWT-24
OSWGT-24
28
Break
OSWT-28
OSWGT-28
30
OSWT-30
OSWGT-30
32
OSWT-32
OSWGT-32
36
OSWT-36
OSWGT-36
no “off”
40
OSWT-40
OSWGT-40
G-72
G
3
P
O
L
E
U Gold or Silver Plated Contacts
U Standard Screw Termination
Insulation Resistance: 20 MΩ at 300 Vdc
Contact Resistance: 0.004 Ω or less
Also Available: Pistol grip handle retrofit kit;
specify OSW-PG and switch size for additional cost
To order with optional pistol grip, add suffix “
‑PG” to
model number. Comes complete with mounting hardware,
panel mounting template and instruction manual for
additional cost.
Ordering Example: OSWG3‑20‑PG, 76 mm (3") switch,
20 positions, gold contacts, with optional pistol grip.
ARTWORK/PRODUCT ART/ TEMPERATURE/T-OSW DEMENSIONS 1
E
3 Pole
A
D
B
C
Switch Dim.
Dim.
Dim.
Dim.
Dim. Bezel
Size
A
B*
C
D
E
Size
mm
mm
mm
mm
mm
mm
mm
(inch)
(inch) (inch) (inch) (inch) (inch) (inch)
76
28.6
54
62
44.4
66.7 82.55
(3)
(11⁄8)
(21⁄8)
(27⁄16)
(13⁄4)
(25⁄8) (31⁄4)
127
38.1
54
62
58.7 92.07 133.35
(5)
(11⁄2)
(21⁄8)
(27⁄16) (25⁄16) (35⁄8) (51⁄4)
OSW Switch Dimensions
OSWG line has
Gold Plated Contacts
Standard Size
Rotary Selector
Switches for
Thermocouples
and RTD’s
76 and 127 mm
(3 and 5") Sizes
2
P
O
L
E
includes
“off”
no
“off”
Break
Before
Make
76 mm
(3")
76 mm
(3")
127 mm
(5")
127 mm
(5")
Make
Before
Break
Make
Before
Break



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com