Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

23005299 Datasheet(PDF) 1 Page - Huber+Suhner, Inc.

Part # 23005299
Description  COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead cable jack (female)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUBERSUHNER [Huber+Suhner, Inc.]
Direct Link  https://www.hubersuhner.com
Logo HUBERSUHNER - Huber+Suhner, Inc.

23005299 Datasheet(HTML) 1 Page - Huber+Suhner, Inc.

  23005299 Datasheet HTML 1Page - Huber+Suhner, Inc. 23005299 Datasheet HTML 2Page - Huber+Suhner, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
DATA SHEET
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead cable jack
(female)
24_MCX-50-1-13/111_N
Properties
• Small size
• Easy to connect and
disconnect
• Wide range of board
connectors and cable
connectors available
Product configuration
Inte ace type
Gender
Standard
MCX
jack
IEC 60169-36_CECC 22220
Inte ace and material data
Piece parts
Material
Plating
Centre contact
Copper Beryllium Alloy
Gold Plating (Nickel underplated)
Outer conductor
Brass
Gold Plating (Nickel underplated)
Body
Brass
Gold Plating (Nickel underplated)
Insulator
PFA / PTFE
Fastening nut
Brass
Gold Plating (Nickel underplated)
Washer
Bronze
Gold Plating (Nickel underplated)
Crimp ferrule
Copper
Gold Plating (without Nickel underplating)
Electrical data
Impedance
50
Inte ace frequency
6 GHz
Mechanical data
Weight
0.0018 kg
Mating cycles
500
Cable entry centre contact
crimped
Cable entry outer contact
crimped
Environmental data
Operation temperature
-55 °C ... 155°C
hubersuhner.com


Similar Part No. - 23005299

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
23005296 HUBERSUHNER-23005296 Datasheet
218Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight PCB plug (male)
23005298 HUBERSUHNER-23005298 Datasheet
162Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
More results

Similar Description - 23005299

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
21_MCX-50-2-12111_N HUBERSUHNER-21_MCX-50-2-12111_N Datasheet
161Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
21_MCX-50-2-12133_N HUBERSUHNER-21_MCX-50-2-12133_N Datasheet
343Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
21_MCX-50-2-13133_N HUBERSUHNER-21_MCX-50-2-13133_N Datasheet
343Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight cable jack (female)
22_MCX-50-0-19111_N HUBERSUHNER-22_MCX-50-0-19111_N Datasheet
158Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead receptacle, jack (female)
22_MCX-50-0-2133_N HUBERSUHNER-22_MCX-50-0-2133_N Datasheet
169Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead receptacle, jack (female)
22_MCX-50-0-5111_N HUBERSUHNER-22_MCX-50-0-5111_N Datasheet
131Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead receptacle, jack (female)
24_MCX-50-1-13133_N HUBERSUHNER-24_MCX-50-1-13133_N Datasheet
473Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead cable jack (female)
24_MCX-50-1-3111_N HUBERSUHNER-24_MCX-50-1-3111_N Datasheet
163Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead cable jack (female)
24_MCX-50-2-6111_N HUBERSUHNER-24_MCX-50-2-6111_N Datasheet
165Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead cable jack (female)
24_MCX-50-2-7111_N HUBERSUHNER-24_MCX-50-2-7111_N Datasheet
164Kb / 2P
COAXIAL CONNECTOR, MCX, 50 Ohm, Straight bulkhead cable jack (female)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com