Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHA Datasheet(PDF) 2 Page - RFE international

Part # RHA
Description  Power Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RHA Datasheet(HTML) 2 Page - RFE international

  RHA Datasheet HTML 1Page - RFE international RHA Datasheet HTML 2Page - RFE international RHA Datasheet HTML 3Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
C2E05
12-11-2020
Page 2 of 3
RFE International • Tel (949) 833-1988 • Fax (949) 833-1788 • E-mail sales@rfeinc.com
Power Resistors
RHA Series: Aluminum Housed Resistor
THERMAL CHARACTERISTICS (Ta=25 Unless otherwise specified
100
80
60
40
20
POWER GRAPH
150
100
50
HOT-SPOT
300W
250W
100W
100WS
80W
50W
25W
10W
5W
0
25
75
125
175
225
275
0 0
20
40
60
80
100
Ambient Temperature ℃
APPLIED LOAD % OF RCWV
ELECTRICAL CHARACTERISTICS (Ta=25 Unless otherwise specified
Load Time
(Second)
1
2
3
4
5
10
30
60
180
300
600
900
Power Incerase
2600 2000 1600 1400 1300 1000
600
450
200
150
120
110
SHORT-TIME OVERLOAD RATING
Characteristics
Limits
Test Methods
Resistance Tolerance
Resistance Tolerance 0Ω1~100KΩ
JIS-C-5202 5-1
Temperature Coefficient
± 200ppm/ °C max.
JIS-C-5202 5-2b
Power Rating Load
ΔR/R≤±(1%+0.05Ω) Surface
JIS-C-5202 5-4
Short-Time Overload
ΔR/R≤±(2%+0.05Ω)
JIS-C-5202 5-5
Insulation Resistance
DC500V 100MΩ min
JIS-C-5202 5-6
Dielectric Withstanding Voltage
AC3000V 60Sec.
JIS-C-5202 5-7



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com