Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT75XS Datasheet(PDF) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

Part # HT75XS
Description  Power supply equipment such as batteries
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMW [Guangdong Youtai Semiconductor Co., Ltd.]
Direct Link  https://www.umw-ic.com/
Logo UMW - Guangdong Youtai Semiconductor Co., Ltd.

HT75XS Datasheet(HTML) 4 Page - Guangdong Youtai Semiconductor Co., Ltd.

  HT75XS Datasheet HTML 1Page - Guangdong Youtai Semiconductor Co., Ltd. HT75XS Datasheet HTML 2Page - Guangdong Youtai Semiconductor Co., Ltd. HT75XS Datasheet HTML 3Page - Guangdong Youtai Semiconductor Co., Ltd. HT75XS Datasheet HTML 4Page - Guangdong Youtai Semiconductor Co., Ltd. HT75XS Datasheet HTML 5Page - Guangdong Youtai Semiconductor Co., Ltd. HT75XS Datasheet HTML 6Page - Guangdong Youtai Semiconductor Co., Ltd. HT75XS Datasheet HTML 7Page - Guangdong Youtai Semiconductor Co., Ltd. HT75XS Datasheet HTML 8Page - Guangdong Youtai Semiconductor Co., Ltd. HT75XS Datasheet HTML 9Page - Guangdong Youtai Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
友台半导体有限公司
4
www.umw-ic.com
7550
(TOPT=25℃)
符号
参数
测试条件
最小值
典型值
最大值
单位
OUT
输出电压
VIN=7V,IOUT=10mA
4.85
5
5.15
V
OUT
输出电流
VIN=7V
60
100
-
mA
△VOUT
负载调节
VIN=7V,1mA≤IOUT ≤30mA
-
100
mV
DIF
跌落电压
IOUT=1mA
-
100
-
mV
SS
静态电流
VIN=7V,空载
-
2
3
µA
ΔVOUT /(ΔVIN * VOUT)
Line Regulation
6V≤VIN ≤30V,IOUT=1mA
-
0.2
-
%/V
IN
输入电压
-
-
-
30
V
ΔVOUT /ΔTa
温度系数
VIN=7V,IOUT=10mA,
0℃≤Ta≤70℃
-
+0.75
-
mV/℃
1、基本电路
75XX
GNDVIN Vout
1
2
3
Vin
Vout
C1
10uF
2 、高输出电流稳压电路
75XX
V
I
V
I
V
C2
10uF
LDO
UMW
R
UMW HT75XX



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com