Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TM6000 Datasheet(PDF) 1 Page - Mimix Broadband

Part # TM6000
Description  TWTA SSPA Replacement Kits
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

TM6000 Datasheet(HTML) 1 Page - Mimix Broadband

  TM6000 Datasheet HTML 1Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
AEG Telefunken TM1800/6000
TWTA SSPA Replacement Kits
Features:
Units operate over the full 5.9-6.4 GHz frequency range
5 and 10 Watt output power levels are available
Simple and easy Installation Instructions are included
All units accept -21 to -56 VDC input voltage range
Standard 5-Y ear Warranty
1006504 - 5W
1006200 - 10W
Units
Min
Typ
Max
GHz
5.9
-
6.4
dB
-
-14.0
-9.5
ohms
-
50
-
dB
45.0
50.0
-
dB
-
+/-0.5
+/-1.0
dB
-
8.0
10.0
dBm
-
-12.0
+5.0
dBm
+37.0
+38.0
-
-
-
-
dBc
-
-
70.0
dBc
-
-
60.0
o
-20
C
-
+70
0.0
%
-
95
0.0
ft
-
16,000
0.0
ft
-
60,000
-21.0
V
-
-56.0
-
A
4.5
5.0
Min
Typ
Max
5.9
-
6.4
-
-14.0
-9.5
-
50
-
45.0
50.0
-
-
+/-0.5
+/-1.0
-
8.0
10.0
-
-12.0
+5.0
+40.0
+41.0
-
-
-
-
-
-
70.0
-
-
60.0
-20
-
+70
0.0
-
95
0.0
-
16,000
0.0
-
60,000
-21.0
-
-56.0
-
6.5
7.0
Parameter
Frequency Range
Input Return Loss
Input/Output Impedance
Gain
Gain Flatness
Noise Figure
Input Power
Output Power (P1dB)
Spurious
Harmonics
Base Operating T emperature
Humidity (Non-Condensing)
Altitude (Operating)
Altitude (Storage)
DC Power
DC Current @ +12 Volts
o
Electrical Characteristics (T=25 C)
Specifications are subject to change without notice. Export of this item may require appropriate export licensing from the U.S. Government. In purchasing
these parts, U.S. Domestic customers accept their obligation to be compliant with U.S. Export Laws. Revision-02-May-02
Mimix Broadband’s SMaRTPAK (Standard Microwave Radio TWT replacement Power Amplifier Kit) amplifiers are
uniquely designed to combine the DC/DC Converter, microwave amplifier and cooling devices into one single
integrated unit. Each unit has been designed using modern device technology and includes reverse polarity,
overvoltage and excess thermal protection. Unlike TWT's and other TWT replacement options, SMaRTPAKs do not
require a separate, bulky and often unreliable power supply.
All units are designed to directly drop-in place of existing TWT or SSPA units with no modifications saving
significant time and effort. Using the proper equipment, unit installations and alignment can typically be done
almost effortlessly in less than an hour. It is recommended that all first time users have a Mimix Broadband
representative present during initial installation. Ask us about our onsite installation and alignment options.
Mimix is confident that you will be pleased with our product and each unit comes with a standard five-year
warranty. If you do not see a part number that covers your desired frequency, power or radio type, feel free to
contact us and we will gladly review your requirements.
Description:
Mimix Broadband, Inc. 10795 Rockley Rd. Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com


Similar Part No. - TM6000

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
TM600 SANYO-TM600 Datasheet
310Kb / 8P
Digital Panel Module
More results

Similar Description - TM6000

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
MDR-4XU6 MIMIX-MDR-4XU6 Datasheet
179Kb / 1P
SSPA Replacement Kits
MW609E MIMIX-MW609E Datasheet
171Kb / 1P
SSPA Replacement Kits
KTR3A MIMIX-KTR3A Datasheet
169Kb / 1P
SSPA Replacement Kits
MDR-11 MIMIX-MDR-11 Datasheet
177Kb / 1P
SSPA Replacement Kits
MDR-8 MIMIX-MDR-8 Datasheet
177Kb / 1P
SSPA Replacement Kits
TM1800 MIMIX-TM1800_1 Datasheet
169Kb / 1P
TWTA SSPA Replacement Kits
MDR-4X06 MIMIX-MDR-4X06 Datasheet
179Kb / 1P
SSPA Replacement Kits
DM-11 MIMIX-DM-11 Datasheet
177Kb / 1P
SSPA Replacement Kits
DM-6 MIMIX-DM-6 Datasheet
177Kb / 1P
TWTA SSPA Replacement Kits
RD11 MIMIX-RD11 Datasheet
179Kb / 1P
SSPA Replacement Kits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com